Electronic Components Datasheet Search
  English  ▼

X  

DTC143XKA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTC143XKA
Description  SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC143XKA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTC143XKA Datasheet HTML 1Page - Rectron Semiconductor DTC143XKA Datasheet HTML 2Page - Rectron Semiconductor DTC143XKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTICS CURVES ( DTC143XKA )
100u 200u 500u 1m 2m
5m 10m 20m 50m 100m
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure1 Input voltage vs. output current
(ON characteristics)
Figure2 Output current vs. input voltage
(OFF characteristics)
IO, OUTPUT CURRENT (A)
VI(off), INPUT VOLTAGE (A)
2
10
5
100m
500m
200m
1
100
20
50
20u
100u
200u
500u
50u
1u
5u
2u
10u
10m
2m
1m
5m
Vo = 0.3V
Ta = -40OC
25OC
100OC
Ta = 100OC
25OC
-40OC
VCC =5V
100u 200u 500u 1m 2m
5m 10m 20m 50m 100m
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure3 DC current gain vs. output current
Figure4 Output voltage vs. output current
IO, OUTPUT CURRENT (A)
IO, OUTPUT CURRENT (A)
20
100
50
1
5
2
10
1K
200
500
20m
1m
50m
1m
5m
2m
10m
10m
2m
5m
Vo = 5V
Ta = 100OC
25OC
-40OC
IO/II =20
Ta =100OC
25OC
-40OC
Figure5 Equivalent circuit
IN
R1
R2
IN
OUT
OUT
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com