Electronic Components Datasheet Search
  English  ▼

X  

FM205C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM205C
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM205C Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM205C Datasheet HTML 1Page - Rectron Semiconductor FM205C Datasheet HTML 2Page - Rectron Semiconductor FM205C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM201C
THRU
FM207C
DO-214AB
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2. Thermal resistance junction to terminal, 5X5mm2 copper pads to each terminal.
3. Thermal resistance junction to ambient, 5X5mm2 copper pads to each terminal.
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
* Epoxy : Device has UL flammability classification 94V-0
Dimensions in inches and (millimeters)
2002-6
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
5.0
125
@TA = 25
oC
@TA = 125
oC
1.1
uAmps
UNITS
FM201C
FM203C
FM205C
FM207C
FM202C
FM204C
FM206C
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75 C
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermaesistance
SYMBOL
VRRM
VDC
IFSM
(Note 3)R
θJA
TJ,TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
50
20
50
Amps
0C/ W
pF
Operating and Storage Temperature Range
IO
30
0C/ W
Typical Junction Capacitance (Note 1)
CJ
FM201C
FM203C
FM205C
FM207C
FM202C
50
200
600
1000
100
-55 to + 150
0 C
(Note 2)R
θJL
FM204C
FM206C
400
800
50
200
600
1000
100
400
800
35
140
420
700
70
280
560
o
MECHANICAL DATA
0.006 (0.152)
0.012 (0.305)
0.008 (0.203)
0.004 (0.102)
0.320 (8.13)
0.305 (7.75)
0.030 (0.76)
0.060 (1.52)
0.079 (2.06)
0.103 (2.62)
0.260 (6.60)
0.280 (7.11)
0.220 (5.59)
0.245 (6.22)
0.125 (3.17)
0.115 (2.92)


Similar Part No. - FM205C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM205 RECTRON-FM205 Datasheet
22Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM205 FORMOSA-FM205 Datasheet
67Kb / 2P
Glass passivated type
FM205 FORMOSA-FM205 Datasheet
56Kb / 7P
Chip General Purpose Rectifiers
FM205-BS FORMOSA-FM205-BS Datasheet
57Kb / 7P
Chip General Purpose Rectifiers
FM205-L FORMOSA-FM205-L Datasheet
69Kb / 2P
Chip Silicon Rectifier - Glass passivated type
More results

Similar Description - FM205C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM201 RECTRON-FFM201 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FM301 RECTRON-FM301 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FR201G RECTRON-FR201G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
HFM201 RECTRON-HFM201 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
RL201G RECTRON-RL201G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FM201L RECTRON-FM201L Datasheet
360Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
FM301B RECTRON-FM301B Datasheet
29Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
HFM201A RECTRON-HFM201A Datasheet
34Kb / 3P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FFM201A RECTRON-FFM201A Datasheet
401Kb / 6P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com