Electronic Components Datasheet Search
  English  ▼

X  

FM205C Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM205C
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM205C Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM205C Datasheet HTML 1Page - Rectron Semiconductor FM205C Datasheet HTML 2Page - Rectron Semiconductor FM205C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( FM201C THRU FM207C )
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
DERATING CURVE
2.5
2.0
1.5
1.0
.5
0
0
25
50
75
100
125 150
175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
1
2
4
6 8 10
20
40 60 80 100
100
80
60
40
20
0
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20 40 100
TJ = 25
TJ = 100
TJ = 25
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
.01
.04
.1
.4
10
1.0
4
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25
Pulse Width=300uS
1% Duty Cycle
.6
.8
1.0
1.2
1.4
1.5
20
10
4
2
1.0
.4
.2
.1
.04
.02
.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com