Electronic Components Datasheet Search
  English  ▼

X  

MMBT4403 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMBT4403
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT4403 Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMBT4403 Datasheet HTML 1Page - Rectron Semiconductor MMBT4403 Datasheet HTML 2Page - Rectron Semiconductor MMBT4403 Datasheet HTML 3Page - Rectron Semiconductor MMBT4403 Datasheet HTML 4Page - Rectron Semiconductor MMBT4403 Datasheet HTML 5Page - Rectron Semiconductor MMBT4403 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RATING AND CHARACTERISTICS CURVES ( MMBT4403 )
10
8.0
6.0
4.0
2.0
0
300
30
10
20
500
700
1000
200
100
70
50
1k
2k
5k
10k
20k
50k
100k
500
200
100
5.0
2.0
0.5
1.0
0.2
0.1
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
50 100 200
500 1.0k 2.0k
5.0k 10k 20k
50k
100
500
50
20
10
5.0
2.0
1.0
Figure 6.Frequency Effects
IC, COLLECTOR CURRENT (mAdc)
IC, COLLECTOR CURRENT (mAdc)
Figure 8.Cuttent Gain
Figure 9.Input Impedance
RS, SOURCE RESISTANCE (OHMS)
Figure 7.Source Resistance Effects
IC, COLLECTOR CURRENT (mAdc)
IC, COLLECTOR CURRENT (mAdc)
Figure 11.Temperature Coefficients
Figure 10.Voltage Feedback Ratio
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
f, FREQUENCY (KHz)
4
6
8
10
2
0
0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100
IC = 1.0mA, RS = 430W
VCE = -10Vdc, TA = 25OC
Bandwidth = 1.0Hz
IC = 500uA, RS = 560W
IC = 50uA, RS = 2.7kW
IC = 100uA, RS = 1.6kW
RS = OPTIMUM SOURCE RESISTANCE
f = 1 kHz
MMBT4403 UNIT 1
MMBT4403 UNIT 2
IC = 50uA
100uA
500uA
1.0mA
MMBT4403 UNIT 1
MMBT4403 UNIT 2
MMBT4403 UNIT 1
MMBT4403 UNIT 2
MMBT4403 UNIT 1
MMBT4403 UNIT 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com