Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4682 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMSZ4682
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ4682 Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMSZ4682 Datasheet HTML 1Page - Rectron Semiconductor MMSZ4682 Datasheet HTML 2Page - Rectron Semiconductor MMSZ4682 Datasheet HTML 3Page - Rectron Semiconductor MMSZ4682 Datasheet HTML 4Page - Rectron Semiconductor MMSZ4682 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING AND CHARACTERISTICS CURVES ( MMSZ4681-MMSZ4717 )
10
100
1000
1
1000
100
0.1
0.01
0.001
0.0001
10
1
0.00001
100
0.01
10
1
0.1
0
2
4
6
8
10
12
1
10
100
0
10
20
30
40
50
60
70
80
90
Figure 7 Typical Capacitance
Figure 9 Zener Voltage vs. Zener Current
(VZ Up to 12V)
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 8 Typical Leakage Current
VZ, NOMINAL ZENER VOLTAGE (V)
VZ, ZENER VOLTAGE (V)
VZ, ZENER VOLTAGE (V)
100
10
1
0.01
0.1
10
30
50
70
90
Figure 10 Zener Voltage vs. Zener Current
(12 V to 43V)
BIAS AT
50% OF VZ NOM
0 V BIAS
1 V BIAS
TA =25OC
+ 150OC
+ 25OC
- 55OC
TA =25OC
TA =25OC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com