Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4682 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MMSZ4682
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ4682 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMSZ4682 Datasheet HTML 1Page - Rectron Semiconductor MMSZ4682 Datasheet HTML 2Page - Rectron Semiconductor MMSZ4682 Datasheet HTML 3Page - Rectron Semiconductor MMSZ4682 Datasheet HTML 4Page - Rectron Semiconductor MMSZ4682 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
* Wide Zener Reverse Voltage Range : 2.4V to 43V
* 500mW Rating on FR-4 or FR-5 Board
* Small Package Size for High Density Applications
*
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
SOD-123
Dimensions in inches and (millimeters)
REF .020(0.50)
.152(3.85)
.140(3.55)
.067(1.70)
.059(1.50)
.110(2.80)
.102(2.60)
.049(1.25)
.041(1.05)
.004(0.10)
.000(0.00)
MMSZ4681-
MMSZ4717
Ldeally Suited for Automated Assembly Processes
* ESD Rating of Class 3 (>16kV) per Human Body Model
VC 2007-11
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Max. Instantaneous Forward Voltage at IF= 10mA
CHARACTERISTICS
SYMBOL
UNITS
340
0.95
Volts
oC/W
Thermal Resistance Junction to Ambient (Note 2)
Note 1. FR-5 = 3.5 X 1.5 inches, using the minimum recommended footprint.
2. Thermal Resistance measurement obtained via infrared Scan Method.
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Max. Power Dissipation on FR-5 Board,@TL=75oC (Note 1)
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PD
TJ
TSTG
RqJA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
mW
500
150
oC/W
Thermal Resistance Junction to Lead (Note 2)
RqJL
-
-
150
-55 to +150
oC
Derated above 75OC
6.7
mW/oC
oC
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.


Similar Part No. - MMSZ4682

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4682 GE-MMSZ4682 Datasheet
40Kb / 2P
ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4682 EIC-MMSZ4682 Datasheet
118Kb / 4P
ZENER DIODES
logo
TAITRON Components Inco...
MMSZ4682 TAITRON-MMSZ4682 Datasheet
156Kb / 6P
500mW Two Terminals SMD Zener Diodes
logo
Shenzhen Luguang Electr...
MMSZ4682 LUGUANG-MMSZ4682 Datasheet
421Kb / 3P
Zener Diodes
logo
Vishay Siliconix
MMSZ4682 VISHAY-MMSZ4682 Datasheet
73Kb / 4P
Small Signal Zener Diodes
27-Feb-13
More results

Similar Description - MMSZ4682

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com