Electronic Components Datasheet Search
  English  ▼

X  

SD106WS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SD106WS
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SD106WS Datasheet(HTML) 1 Page - Rectron Semiconductor

  SD106WS Datasheet HTML 1Page - Rectron Semiconductor SD106WS Datasheet HTML 2Page - Rectron Semiconductor SD106WS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 30 Volts
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
*
* Fast Switching Speed
Low turn-on voltage
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SD106WS
SOD-323
MAXIMUM RATINGS (@TA=25
OC unless otherwise noted)
RATINGS
Reverse Breakdown Voltage @ IR=100µA
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current
Maximum Power Dissipation (TC = 25
OC)
Operating and Storage Temperature Range
SYMBOL
SD106WS
V(BR)R
IFM
IFSM
PD
TJ,TSTG
Volts
mAmps
200
1
250
-65 to + 150
Amps
mW
OC
UNITS
Thermal Resistance junction to ambient air
T
θJA
500
OC/W
30
Maximum Working Peak reverse Voltage
VRM
Volts
30
@tp=10mS
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Reverse voltage leakage current
Forward voltage Pulse Tesx tp<300
µs,δ<2%
(IF=15mA)
(IF=100mA)
(IF=2mA)
(IF=200mA)
Diode capacitance
CHARACTERISTICS
SYMBOL
UNITS
5
-
-
-
550
420
260
320
490
10
µA
mV
pF
IR
VF
CT
MAX.
-
-
TYP.
-
-
-
MIN.
(VR=10V,f=1MHz)
(VR=25V)


Similar Part No. - SD106WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SD106WS GE-SD106WS Datasheet
78Kb / 1P
SCHOTTKY DIODES
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
SD106WS BILIN-SD106WS Datasheet
278Kb / 3P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
SD106WS KEXIN-SD106WS Datasheet
34Kb / 1P
SCHOTTKY DIODE
logo
Jinan Jingheng (Group) ...
SD106WS JINANJINGHENG-SD106WS Datasheet
92Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - SD106WS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT42W RECTRON-BAT42W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT42WS RECTRON-BAT42WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43W RECTRON-BAT43W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43WS RECTRON-BAT43WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
RB551V-30 RECTRON-RB551V-30 Datasheet
144Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts CURRENT 500 mAmperes
SD101AW RECTRON-SD101AW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 60 Volts
SD101BW RECTRON-SD101BW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 50 Volts
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD103BW RECTRON-SD103BW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
SD107WS RECTRON-SD107WS Datasheet
42Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com