Electronic Components Datasheet Search
  English  ▼

X  

SD106WS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SD106WS
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SD106WS Datasheet(HTML) 2 Page - Rectron Semiconductor

  SD106WS Datasheet HTML 1Page - Rectron Semiconductor SD106WS Datasheet HTML 2Page - Rectron Semiconductor SD106WS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
VF,VARIOUS TEMPERATURES(V)
1000
10000
0.01
0.1
1
10
100
1000
0.3
0.4
0.5
0.8
0.7
0.6
0.2
0.1
0
RATING AND CHARACTERISTICS CURVES ( SD106WS )
Figure1 Forward Voltage Forward Current
VR,VARIOUS TEMPERATURES(V)
0
0.1
100
10
1
15
10
25
30
20
5
Figure2 Typical Variation of Reverse Current
5
10
15
20
25
35
30
45
40
VR,REVERSE APPLIED VOLTAGE(V)
0
24
28
20
16
12
8
4
0
Figure3 Typical Capacitance OC
TJ=125
OC
TJ=-40
OC
TJ=25
OC
TJ=125
OC
TJ=100
OC
TJ=75
OC
TJ=50
OC
TJ=25
OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com