Electronic Components Datasheet Search
  English  ▼

X  

TS09B Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS09B
Description  METALLIZED POLYPROPLYLEN FILM CAPACITOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS09B Datasheet(HTML) 1 Page - Suntan Capacitors

  TS09B Datasheet HTML 1Page - Suntan Capacitors TS09B Datasheet HTML 2Page - Suntan Capacitors TS09B Datasheet HTML 3Page - Suntan Capacitors TS09B Datasheet HTML 4Page - Suntan Capacitors TS09B Datasheet HTML 5Page - Suntan Capacitors TS09B Datasheet HTML 6Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
METALLIZED POLYPROPLYLEN FILM CAPACITOR
Suntan®
BO X - TYPE
DOUBLE
SIDE D
TS09B
Dimensions (mm)
Lead Pitch: P ± 1
≤10.0
>10
Lead Wire Dia.: d ± 0.05
0.6
0.8
Dimension Tolerance: W,H,T
W+0.4/-0.7, H
±0.4, T±0.4
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
FEA T URES
Double sided metallized structure, widely used in
high voltage, high frequency and pulse circuit
Low loss and small inherent temperature rise
Negative temperature coefficient of capacitance
Exellent active and passive flame resistant abilities
SPECIFICA
T
IONS
Reference Standard
GB14579 (IEC 60384-17)
Climatic Category
40/100/56
Rated Temperature
85℃ for VR (DC)
75℃ for VR (AC)
Operating Temperature
Range
-40℃~105℃
(+85℃ to +105℃: decreasing factor 1.25% per ℃ for VR (DC)
(+75℃ to +105℃: decreasing factor 1.35% per ℃ for VR (AC)
Rated Voltage
250V, 400V, 630V, 1000V, 1400/1600V, 2000V
Capacitance Range
0.00022µF ~ 3.9µF
Capacitance Tolerance
±2%(G), ±3%(H), ±5%(J), ±10%(K),±20%(M)
Voltage Proof
1.6UR(5s)
Dissipation Factor
≤0.0010, (1kHz, 20℃)
Insulation Resistance
≥50 000MΩ, CR ≤0.33µF
≥15 000s, CR >0.33µF
(20℃, 100V, 1min)


Similar Part No. - TS09B

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS09B SUNTAN-TS09B_17 Datasheet
153Kb / 4P
High Voltage Metallized Polypropylene Film Capacitor
More results

Similar Description - TS09B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E1105JF PANASONIC-ECQ-E1105JF Datasheet
373Kb / 20P
Metallized Polyester Film Capacitor
ECQ-E6473KZ PANASONIC-ECQ-E6473KZ Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQ-E2125KF PANASONIC-ECQ-E2125KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E2103KB PANASONIC-ECQ-E2103KB Datasheet
223Kb / 7P
Metallized Polyester Film Capacitor
logo
Nichicon corporation
QXK2G155KTP NICHICON-QXK2G155KTP Datasheet
56Kb / 1P
Metallized Polyester Film Capacitor
logo
Panasonic Semiconductor
ECQ-U2A333ML PANASONIC-ECQ-U2A333ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E4824KF PANASONIC-ECQ-E4824KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com