Electronic Components Datasheet Search
  English  ▼

X  

HTA Datasheet(PDF) 2 Page - International Rectifier

Part # HTA
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA Datasheet(HTML) 2 Page - International Rectifier

  HTA Datasheet HTML 1Page - International Rectifier HTA Datasheet HTML 2Page - International Rectifier HTA Datasheet HTML 3Page - International Rectifier HTA Datasheet HTML 4Page - International Rectifier HTA Datasheet HTML 5Page - International Rectifier HTA Datasheet HTML 6Page - International Rectifier HTA Datasheet HTML 7Page - International Rectifier HTA Datasheet HTML 8Page - International Rectifier HTA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.irf.com
HTA-SERIES
Electrical Performance Characteristics
For Notes to Electrical Performance Characteristics, refer to page 5
Input voltage range
-0.5Vdc to +300Vdc
Input voltage range
150Vdc to 250Vdc
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
+300°C for 10 seconds Operating temperature
-35°C to +185°C
Operating case temperature
-35°C to +185°C
Storage temperature
-55°C to +185°C
Maximum Operating Conditions
Absolute Maximum Ratings
Limits
Parameter
Group A
Subgroup
Conditions
-35
°C ≤ TC ≤ +185°C
VIN = 200V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input Voltage
150
200
250
V
Output voltage ( Vout )
HTA2003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1
1
1
1
1
1
1
2,3
2,3
2,3
2,3
2,3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
3.25
4.95
11.88
14.85
±4.95
±11.88
±14.85
3.20
4.85
11.64
14.55
±4.85
±11.64
±14.55
3.30
5.00
12.00
15.00
±5.00
±12.00
±15.00
3.35
5.05
12.12
15.15
±5.05
±12.12
±15.15
3.40
5.15
12.36
15.45
±5.15
±12.36
±15.45
V
Output power ( POUT )
1,2,3
VIN = 150, 200, 250 Volts, Note 2
0
20
W
Output current ( IOUT )
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1,2,3
VIN = 150, 200, 250 Volts, Note 2
Either Output, Note 3
Either Output, Note 3
Either Output, Note 3
0
0
0
0
0
0
0
6.10
4.00
1.67
1.33
3.20
1.34
1.06
A
Line regulation ( VRLINE )
1,2,3
VIN = 150, 200, 250 Volts
IOUT = 0, 50%, 100% rated, Note 4
-0.5
+0.5
%
Load regulation ( VRLOAD )
1,2,3
IOUT = 0, 50%, 100% rated, Note 4
VIN = 150, 200, 250 Volts
-1.0
+1.0
%
Cross regulation ( VRCROSS )
HTA20005D
HTA20012D
HTA20015D
1,2,3
VIN = 150, 200, 250 Volts
Duals only, Note 5
-5.0
-3.0
-3.0
5.0
3.0
3.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com