Electronic Components Datasheet Search
  English  ▼

X  

HTA Datasheet(PDF) 12 Page - International Rectifier

Part # HTA
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA Datasheet(HTML) 12 Page - International Rectifier

Back Button HTA Datasheet HTML 6Page - International Rectifier HTA Datasheet HTML 7Page - International Rectifier HTA Datasheet HTML 8Page - International Rectifier HTA Datasheet HTML 9Page - International Rectifier HTA Datasheet HTML 10Page - International Rectifier HTA Datasheet HTML 11Page - International Rectifier HTA Datasheet HTML 12Page - International Rectifier HTA Datasheet HTML 13Page - International Rectifier HTA Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
www.irf.com
HTA-SERIES
Efficiency Curves for HTA20005S
Fig X. 185°C Efficiency vs. Output Loading
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
01
2345
Output Load (A)
150 Vin
200 Vin
250 Vin
Fig XI. Efficiency vs. Temperature
65%
67%
69%
71%
73%
75%
77%
79%
81%
83%
85%
0
50
100
150
200
Tem perature C
150 Vin
200 Vin
250 Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com