Electronic Components Datasheet Search
  English  ▼

X  

G43 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # G43
Description  4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  G43 Datasheet HTML 1Page - TOCOSAMERICA, INC. G43 Datasheet HTML 2Page - TOCOSAMERICA, INC. G43 Datasheet HTML 3Page - TOCOSAMERICA, INC. G43 Datasheet HTML 4Page - TOCOSAMERICA, INC. G43 Datasheet HTML 5Page - TOCOSAMERICA, INC. G43 Datasheet HTML 6Page - TOCOSAMERICA, INC. G43 Datasheet HTML 7Page - TOCOSAMERICA, INC. G43 Datasheet HTML 8Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
3/8
G43BF Gull-Wing, Bottom Adjust
G43B Gull-Wing, Top Adjust
G43E Reverse Markings, Gull-Wing, Top Adjust
Unit: mm
Dimensions
G43 Series
6.5
0.3
2.5
0.3,
0
TOCOS
503
53
4.5
0.3
4.3
0.3
5.0 0.3
2.3 0.3
#1
#3
#2
0.6 0.15
(t= 0.18)
1.2
0.15
(1.0)
(1.0)
(2) 0.8
0.15
6.5
0.3
2.5
0.3,
0
4.5
0.3
4.3
0.3
5.0 0.3
2.3 0.3
#1
#3
#2
0.6 0.15
(t= 0.18)
1.2
0.15
(1.0)
(1.0)
(2) 0.8
0.15
6.7
0.5
2.5
0.3,
0
TOCOS
503
53
4.5
0.3
5.0 0.3
3.1 0.3
#1
#3
#2
(2)
0.5 0.2
(t= 0.18)
1.2
0.15
(1.1)
(1.1)
(2) 0.8
0.15
(0.6)
2-(0.5)
All G43 Models
Unit: mm
Cross-Slot Dimensions
Electrical Schematic
#2
wiper
#3 cw
clockwise
ccw
#1
0.55
0.55
0.72
0.55
Ø
1.9
Ø
2.3
Effective Date April 2005
Cross-Slot accepts both
Philips and single blade
adjustment tools.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com