Electronic Components Datasheet Search
  English  ▼

X  

G43 Datasheet(PDF) 6 Page - TOCOSAMERICA, INC.

Part # G43
Description  4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43 Datasheet(HTML) 6 Page - TOCOSAMERICA, INC.

  G43 Datasheet HTML 1Page - TOCOSAMERICA, INC. G43 Datasheet HTML 2Page - TOCOSAMERICA, INC. G43 Datasheet HTML 3Page - TOCOSAMERICA, INC. G43 Datasheet HTML 4Page - TOCOSAMERICA, INC. G43 Datasheet HTML 5Page - TOCOSAMERICA, INC. G43 Datasheet HTML 6Page - TOCOSAMERICA, INC. G43 Datasheet HTML 7Page - TOCOSAMERICA, INC. G43 Datasheet HTML 8Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
6/8
Part Numbering System
G43
A
T
102
M
B
Resistance Tolerance: M =
20% standard.
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω ).
Resistance Taper: B = Linear.
Packaging: T ( T1 for SA) = Tape & Reel; Blank = Bulk.
Terminal Style: A, D, SA = J-Hook; B, BF, E = Gull-Wing.
TOCOS Series Name.
G43 Series
Part Numbers
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance
20%
Value ( Ω )
Code
Catalog No.
Tape & Reel
Catalog No.
Bulk
G43A J-Hook, Top Adjust
G43ATB100M
G43AT B 200 M
G43AT B 500 M
G43AT B 101 M
G43AT B 201 M
G43AT B 501 M
G43ATB102M
G43AT B 202 M
G43AT B 502 M
G43ATB103M
G43AT B 203 M
G43AT B 503 M
G43ATB104M
G43AT B 204 M
G43AT B 504 M
G43ATB105M
G43AT B 205 M
G43A B 100 M
G43A B 200 M
G43A B 500 M
G43A B 101 M
G43A B 201 M
G43A B 501 M
G43A B 102 M
G43A B 202 M
G43A B 502 M
G43A B 103 M
G43A B 203 M
G43A B 503 M
G43A B 104 M
G43A B 204 M
G43A B 504 M
G43A B 105 M
G43A B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43A
G43D Reverse Markings, J-Hook, Top Adjust
G43DT B 100 M
G43DT B 200 M
G43DT B 500 M
G43DT B 101 M
G43DT B 201 M
G43DT B 501 M
G43DT B 102 M
G43DT B 202 M
G43DT B 502 M
G43DT B 103 M
G43DT B 203 M
G43DT B 503 M
G43DT B 104 M
G43DT B 204 M
G43DT B 504 M
G43DT B 105 M
G43DT B 205 M
G43D B 100 M
G43D B 200 M
G43D B 500 M
G43D B 101 M
G43D B 201 M
G43D B 501 M
G43D B 102 M
G43D B 202 M
G43D B 502 M
G43D B 103 M
G43D B 203 M
G43D B 503 M
G43D B 104 M
G43D B 204 M
G43D B 504 M
G43D B 105 M
G43D B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43D
Effective Date April 2005



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com