Electronic Components Datasheet Search
  English  ▼

X  

RV12 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RV12
Description  12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV12 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RV12 Datasheet HTML 1Page - TOCOSAMERICA, INC. RV12 Datasheet HTML 2Page - TOCOSAMERICA, INC. RV12 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 100
Ω to 2MΩ
Resistance Tolerance . . . . . . . . . . . . . . . .
20% standard
( 10% special order )
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 2% max.
Power Rating . . . . . . . . . 0.5 watt at
40 C, 0 watt at
85 C
Maximum Input Voltage . . . . . . . . 300VDC or power rating,
whichever is smaller
Insulation Resistance . . . . . . . 100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 270
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 300
10
Shaft Torque . . . . . . . . 20 to 200 gf • cm (0.28 to 2.77 oz • in)
Stop Strength . . . . . . . . . . . . 2.5 kgf • cm (34.66 oz • in) max.
Mounting Nut Torque . . . . . .10.2 kgf • cm (141.4 oz • in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds
Marking . . . . . Model type, taper, resistance code, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
85 C
Low Temperature Exposure . . .
10 C, 1 hour without load
∆T/R ) 2.5%
Load Life . . . . . . . . . .
40 C, 90 minutes on, 30 minutes off,
1,000 hours with rated load
∆T/R ) 10%
Moisture Resistance . . . . . . . . . . . . . . .
40 C, 90-95%RH,
96 hours without load
∆T/R ) 10%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . . .
10 C~
85 C,
5 cycles without load
∆T/R ) 10%
Shock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50G, 6 m /s
∆T/R ) 2.5%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
3 directions, 2 hours each
∆T/R ) 5%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . . . . . . . . . . . .15,000 cycles without load
∆T/R ) 7%
∆T/R = Total Resistance Change
RV12 Series
12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
12mm diameter, single-turn industrial panel controls
Carbon film element
Single unit, single shaft
Metal housing and bushing construction
Linear taper
Optional anti-rotational adapter plate
3.2 mm diameter metal shafts in slot, flat or round end styles
Standard 10mm or 15mm shaft length
Panel or PC board mounting styles
Lug or pin terminals
Right angle or vertical mount
RV12YN
RV12YP
RV12YP5
16


Similar Part No. - RV12

ManufacturerPart #DatasheetDescription
logo
Trumeter Technologies
RV12-4916A TRUMETER-RV12-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV12-4916B TRUMETER-RV12-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV12-4916C TRUMETER-RV12-4916C Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV12-4916D TRUMETER-RV12-4916D Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
RV12-4916E TRUMETER-RV12-4916E Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - RV12

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV102 TOCOS-RV102 Datasheet
514Kb / 4P
10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV103 TOCOS-RV103 Datasheet
598Kb / 4P
10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com