Electronic Components Datasheet Search
  English  ▼

X  

RV12 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # RV12
Description  12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV12 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  RV12 Datasheet HTML 1Page - TOCOSAMERICA, INC. RV12 Datasheet HTML 2Page - TOCOSAMERICA, INC. RV12 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System
RV12 Series
Resistance (
Ω)
100
200
500
Resistance (
Ω)
1,000
2,000
5,000
Resistance (
Ω)
10,000
20,000
50,000
Resistance (
Ω)
100,000
200,000
500,000
Resistance (
Ω)
1,000,000
2,000,000
Code
101
201
501
Code
102
202
502
Code
103
203
503
Code
104
204
504
Code
105
205
Standard Nominal Total Resistance Values and Part Numbering Codes
Standard Resistance Values and Part Numbering Codes
RV
Y
12
103 M
N
S
B
10
Resistance Tolerance: M =
20% (standard).
K =
10% (special order ).
Resistance Code: Expressed in ohms. A three digit code where the first
two digits are significant figures, and the third digit indicates the number
of zeros that follow these figures (i.e., 100 = 10
Ω;101 = 100Ω;102 = 1,000Ω;
103 = 10,000
Ω;105 = 1,000,000Ω). See table for standard resistance values.
Resistance Taper: B = Linear.
Shaft End Style: S = Slotted.
F = Flatted.
R = Round.
Standard Shaft Length: 10 = 10mm FMS.
15 = 15mm FMS.
Up to 30mm shaft length available (special order ).
Style: N = Panel Mount, Single Unit, Single Shaft, Rear Exit Vertical Lug
Terminals, 3-Lug Triangular Pattern.
P = PCB Mount, Single Unit, Single Shaft, Rear Exit Vertical Mount
Pin Terminals, 3-Pin Triangular Pattern.
P5 = PCB Mount, Single Unit, Single Shaft, Rear Exit Right Angle
Mount Pin Terminals, 3-Pin Triangular Pattern, 2-Pin Standoff
Front Support Bracket.
Operating Temperature Range: Y =
10 C to
85 C.
Size: 12 = 12mm Diameter.
TOCOS Series Name: RV = Carbon Film Element.
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability.
For additional information, refer to Guidelines and Precautions for Using Panel Controls.
NOTE: FMS = From Mounting Surface
18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com