Electronic Components Datasheet Search
  English  ▼

X  

SS9176CS-10 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS9176CS-10
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9176CS-10 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS9176CS-10 Datasheet HTML 1Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 2Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 3Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 4Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 5Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 6Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 7Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 8Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 12
SS9175/6
ORDERING INFORMATION
SS917x xx-xx xx
20
1
UU:
= SS9175
UU: CS = SS9175CS
H : 3, 6 or 10
XXXXXXX: Wafer Lot
YY: Year; WW: Week
V: Assembly Location
H : 3, 6 or 10
XXXXXXX: Wafer Lot
YY: Year; WW: Week
V: Assembly Location
SS9175UU-H
XXXXXXXYYWWV
16
1
SS9176CS-H
XXXXXXXYYWWV
Rev.2.02 12/29/2003
PRELIMINARY
Packing:
TR tape and reel: TB tubes
Fixed operating frequency:
3/6/10 for 300/600/1000kHz
Configuration:
CS = current sharing; blank = independent outputs (9175 only)
Part/package type:
9175 is in SO-20; 9176 is in SO-16
MARKING INFORMATION
Examples: SS9176CS-10TR
SS9176 with current-sharing outputs, 1000kHz in SO-16 on tape and reel
SS9175-6TR
SS9175 with independent outputs, 600kHz in SO-20 on tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com