Electronic Components Datasheet Search
  English  ▼

X  

SS9176CS-10 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS9176CS-10
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9176CS-10 Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS9176CS-10 Datasheet HTML 4Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 5Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 6Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 7Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 8Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 9Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 10Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 11Page - Silicon Standard Corp. SS9176CS-10 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.SiliconStandard.com
9 of 12
SS9175/6
Current sharing application using SS9175CS
This current-sharing circuit is implemented using
SS9175CS. The dual phase MOSFETs can be
supplied from different supply voltages (in this case,
from 12V for channel 2, and 5V for channel 1).
They can be supplied from the same supply
voltage, too. As there is only a single output
voltage (1.4V in this case), the divided voltage is
fed back to the IN1 pin. The VCC supply voltage
can be either 12V or 5V, depending on the
convenience of PCB layout, but VCC = 12V is
recommended. If VCC > 6.5V, the BSTC output is
fixed at 6V. This BSTC voltage is used as the
supply voltage for the bootstrap circuit’s diodes
input. A 10uF capacitor is recommended for BSTC
decoupling. A 1k resistor is connected from CL2+
to the MOSFET’s high-side voltage. This 1k
resistor is used to program the OCP level.
12V
1.4v
5V
PWRG
CL1+
CL1-
DH1
DL1
BST1
PGND
COMP1
VCC
PWRGD
IN1
CL2+
CL2-
DH2
DL2
BST2
BSTC
COMP2
SS/ENB
GND
IN2
1uF
1uF
7.5uH
1k
7.5uH
1k
2.2pF
450uF
0.22uF
50k
50k
10uF
APPLICATION INFORMATION (cont.)
Rev.2.02 12/29/2003
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com