Electronic Components Datasheet Search
  English  ▼

X  

X1227 Datasheet(PDF) 20 Page - Xicor Inc.

Part # X1227
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1227 Datasheet(HTML) 20 Page - Xicor Inc.

Back Button X1227 Datasheet HTML 16Page - Xicor Inc. X1227 Datasheet HTML 17Page - Xicor Inc. X1227 Datasheet HTML 18Page - Xicor Inc. X1227 Datasheet HTML 19Page - Xicor Inc. X1227 Datasheet HTML 20Page - Xicor Inc. X1227 Datasheet HTML 21Page - Xicor Inc. X1227 Datasheet HTML 22Page - Xicor Inc. X1227 Datasheet HTML 23Page - Xicor Inc. X1227 Datasheet HTML 24Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
X1227
REV 1.1.20 1/13/03
Characteristics subject to change without notice.
20 of 28
www.xicor.com
VTRIP Programming Timing Diagram
VTRIP Programming Parameters
Parameter
Description
Min.
Max.
Units
tVPS
VTRIP Program Enable Voltage Setup time
1
µs
tVPH
VTRIP Program Enable Voltage Hold time
1
µs
tTSU
VTRIP Setup time
1
µs
tTHD
VTRIP Hold (stable) time
10
ms
tVPO
VTRIP Program Enable Voltage Off time
(Between successive adjustments)
0µs
tRP
VTRIP Program Recovery Period
(Between successive adjustments)
10
ms
VP
Programming Voltage
14
16
V
VTRAN
VTRIP Programmed Voltage Range
1.7
5.0
V
Vtv
VTRIP Program variation after programming
(Programmed at 25°C)
-25
+25
mV
VTRIP programming parameters are not 100% Tested.
01 2 3 4 5 6 7
0 1 2 3 45 67
0 1 2 3 45 6 7
0 1 2 3 4 5 67
VCC
(VTRIP)
tVPH
tVPS
tVPO
tRP
SCL
SDA
AEh
03h/01h
RESET
VP = 15V
00h
00h
VCC
VCC
tTSU
tTHD
VTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com