Electronic Components Datasheet Search
  English  ▼

X  

X1227 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X1227
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1227 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X1227 Datasheet HTML 17Page - Xicor Inc. X1227 Datasheet HTML 18Page - Xicor Inc. X1227 Datasheet HTML 19Page - Xicor Inc. X1227 Datasheet HTML 20Page - Xicor Inc. X1227 Datasheet HTML 21Page - Xicor Inc. X1227 Datasheet HTML 22Page - Xicor Inc. X1227 Datasheet HTML 23Page - Xicor Inc. X1227 Datasheet HTML 24Page - Xicor Inc. X1227 Datasheet HTML 25Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
X1227
REV 1.1.20 1/13/03
Characteristics subject to change without notice.
21 of 28
www.xicor.com
APPLICATION SECTION
CRYSTAL OSCILLATOR AND TEMPERATURE
COMPENSATION
Xicor has now integrated the oscillator compensation
circuity on-chip, to eliminate the need for external com-
ponents and adjust for crystal drift over temperature
and enable very high accuracy time keeping (<5ppm
drift.
The Xicor RTC family uses an oscillator circuit with on-
chip crystal compensation network, including adjust-
able load-capacitance. The only external component
required is the crystal. The compensation network is
optimized for operation with certain crystal parameters
which are common in many of the surface mount or
tuning-fork crystals available today. Table 6 summa-
rizes these parameters.
Table 7 contains some crystal manufacturers and part
numbers that meet the requirements for the Xicor RTC
products.
The turnover temperature in Table 6 describes the
temperature where the apex of the of the drift vs. tem-
perature curve occurs. This curve is parabolic with the
drift increasing as (T-T0)2. For an Epson MC-405
device, for example, the turnover temperature is typi-
cally 25 deg C, and a peak drift of >110ppm occurs at
the temperature extremes of –40 and +85 deg C. It is
possible to address this variable drift by adjusting the
load capacitance of the crystal, which will result in pre-
dictable change to the crystal frequency. The Xicor
RTC family allows this adjustment over temperature
since the devices include on-chip load capacitor trim-
ming. This control is handled by the Analog Trimming
Register, or ATR, which has 6 bits of control. The load
capacitance range covered by the ATR circuit is
approximately 3.25pF to 18.75pF, in 0.25pf incre-
ments. Note that actual capacitance would also
include about 2pF of package related capacitance. In-
circuit tests with commercially available crystals dem-
onstrate that this range of capacitance allows fre-
quency control from +116ppm to –37ppm, using a
12.5pF load crystal.
In addition to the analog compensation afforded by the
adjustable load capacitance, a digital compensation
feature is available for the Xicor RTC family. There are
three bits known as the Digital Trimming Register or
DTR, and they operate by adding or skipping pulses in
the clock signal. The range provided is ±30ppm in
increments of 10ppm. The default setting is 0ppm. The
DTR control can be used for coarse adjustments of
frequency drift over temperature or for crystal initial
accuracy correction.
Table 6. Crystal Parameters Required for Xicor RTC’s
Table 7. Crystal Manufacturers
Parameter
Min
Typ
Max
Units
Notes
Frequency
32.768
kHz
Freq. Tolerance
±100
ppm
Down to 20ppm if desired
Turnover Temperature
20
25
30
°C
Typically the value used for most
crystals
Operating Temperature Range
-40
85
°C
Parallel Load Capacitance
12.5
pF
Equivalent Series Resistance
50
k
Ω
For best oscillator performance
Manufacturer
Part Number
Temp Range
+25°C Freq Toler.
Citizen
CM201, CM202, CM200S
-40 to +85°C
±20ppm
Epson
MC-405, MC-406
-40 to +85°C
±20ppm
Raltron
RSM-200S-A or B
-40 to +85°C
±20ppm
SaRonix
32S12A or B
-40 to +85°C
±20ppm
Ecliptek
ECPSM29T-32.768K
-10 to +60°C
±20ppm
ECS
ECX-306/ECX-306I
-10 to +60°C
±20ppm
Fox
FSM-327
-40 to +85°C
±20ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com