Electronic Components Datasheet Search
  English  ▼

X  

SS6383 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6383
Description  1.5A DDR Termination Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6383 Datasheet HTML 1Page - Silicon Standard Corp. SS6383 Datasheet HTML 2Page - Silicon Standard Corp. SS6383 Datasheet HTML 3Page - Silicon Standard Corp. SS6383 Datasheet HTML 4Page - Silicon Standard Corp. SS6383 Datasheet HTML 5Page - Silicon Standard Corp. SS6383 Datasheet HTML 6Page - Silicon Standard Corp. SS6383 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
10/07/2004 Rev.1.01
SS6383(G)
ELECTRICAL CHARACTERISTICS
VCNTL=3.3V, VIN=2.5V, VREF=0.5VIN, C OUT=10
µF, TA=25°C, unless otherwise specified) (Note 1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VIN
1.6
2.5/1.8
Input Voltage (DDR1/2)
Keep VCNTL≥VIN during
power on and off sequences
VCNTL
3.0
3.3
6
V
Output Voltage
IOUT = 0mA
VOUT
VREF
V
Output Voltage Offset
IOUT = 0mA (Note 2)
VOS
-20
20
mV
IOUT =0.1mA ~ +1.5A
10
25
Load Regulation (DDR1/2)
IOUT = 0.1mA ~ -1.5A
∆VLOR
10
25
mV
Quiescent Current
VREF<0.2V, VOUT = OFF
IQ
8
30
µA
Operating Current of VCNTL No load
ICNTL
3
10
mA
VREF Bias Current
VREF=1.25V
1
µA
Current Limit
IIL
2.1
3
4.5
A
THERMAL PROTECTION
Thermal Shutdown
Temperature
3.3V
≤VCNTL≤5V
TSD
125
150
°C
Thermal Shutdown
Hysteresis
Guaranteed by design
30
°C
SHUTDOWN SPECIFICATIONS
Output ON (VREF=0V 1.25V)
0.8
Shutdown Threshold
Output OFF (VREF=1.25V 0V)
0.2
V
Note 1:
Specifications are production-tested at T A=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note 2
: VOS is the difference between VOUT and VREF.
Note 3
: Load regulation is measured at constant junction temperature, using pulse testing with a low duty cycle.
Note 4
: Current limit is measured using a low duty cycle.
Note 5
: To operate safely, VCNTL must always be greater than VIN.
(Note 3)
(Note 4)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com