Electronic Components Datasheet Search
  English  ▼

X  

SS6383 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6383
Description  1.5A DDR Termination Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6383 Datasheet HTML 1Page - Silicon Standard Corp. SS6383 Datasheet HTML 2Page - Silicon Standard Corp. SS6383 Datasheet HTML 3Page - Silicon Standard Corp. SS6383 Datasheet HTML 4Page - Silicon Standard Corp. SS6383 Datasheet HTML 5Page - Silicon Standard Corp. SS6383 Datasheet HTML 6Page - Silicon Standard Corp. SS6383 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.SiliconStandard.com
5 of 7
10/07/2004 Rev.1.01
SS6383(G)
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 6
Output Short-Circuit (Sinking)
IOUT : 1A/DIV
VIN=2.5V
VCNTL=3.3V
VREF=1.25V
Fig. 7 Output Short-Circuit Protection (Sourcing)
IOUT : 1A/DIV
VIN=2.5V
VCNTL=3.3V
VREF=1.25V
Fig. 8 Transient Response at 1.25VTT/1.5A
VIN=2.5V
VCNTL=3.3V
VREF=1.25V
IOUT : 1A/DIV
VOUT: 50mV/DIV
Fig. 9 Transient Response at 0.9VTT/1.5A
VIN=1.8V
VCNTL=3.3V
VREF=0.9V
IOUT : 1A/DIV
VOUT: 50mV/DIV
BLOCK DIAGRAM
VOUT
-
+
VOUT
GND
VIN
Control
VCNTL
Shutdown
Shutdown
Thermal
Current
Limit
VREF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com