Electronic Components Datasheet Search
  English  ▼

X  

SS6431GSTB Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6431GSTB
Description  Adjustable High-Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GSTB Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6431GSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.SiliconStandard.com
4 of 11
SS6431G
ELECTRICAL CHARACTERISTICS
(Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reference Input Current
R1 =10k
Ω, R2=
∞,
IIN =10mA (Fig. 2)
IREF
0.8
3.5
µA
Deviation of Reference Input
Current over Temperature
R1 =10k
Ω, R2=
∞,
IIN =10mA
TA =-40
°C ~ +85°C (Fig. 2)
αI
REF
0.3
1.2
µA
Minimum Cathode current
for Regulation
VZ=VREF (Fig. 1)
IZ(MIN)
0.25
0.5
mA
Off-State Current
VZ=20V, VREF =0V (Fig. 3)
IZ(OFF)
0.1
1.0
µA
Dynamic Output Impedance
(Note 4)
VZ=VREF
F<1kHz (Fig. 1)
RZ
0.08
0.3
Ω
T2
T1
VMAX
VDEV = VMAX-VMIN
VMIN
TEMPERATURE
Note 3. Deviation of reference input voltage, V
DEV, is de-
fined as the maximum variation of the reference input
voltage over the full temperature range.
The average temperature coefficient of the reference in-
put voltage,
αV
REF is defined as:
T1
T2
10
C)
25
(at
V
V
T1
T2
6
10
C)
25
(at
V
V
-
V
C
ppm
V
6
REF
DEV
REF
MIN
MAX
REF
−
°
±
=
−
°
±
=
°
∆
Where:
T2−T1=full temperature change.
αVREF can be positive or negative depending on
whether the slope is positive or negative.
Example: VDEV= 9.0mV, VREF= 2495mV,
T2−T1= 70
°C, slope is negative.
C
50ppm/
V
C
70
6
10
2495mV
9.0mV
REF
°
−
=


=
°
α
Note 4. The dynamic output impedance, Rz, is de-
fined as:
RZ =
Z
Z
V
I
∆
∆
When the device is programmed with two external re-
sistors, R1 and R2, (see Fig. 2), the dynamic output
impedance of the overall circuit, is defined as:
[ ]
R2
R1
1
Rz
I
V
z
r
+
≅
∆
∆
=
2/10/2005 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com