Electronic Components Datasheet Search
  English  ▼

X  

SS6431GSTB Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6431GSTB
Description  Adjustable High-Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GSTB Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6431GSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6431GSTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.SiliconStandard.com
5 of 11
SS6431G
TYPICAL PERFORMANCE CHARACTERISTICS
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-600
-400
-200
0
200
400
600
800
1000
IZ(MIN)
VZ =VREF
TA =25
°C
Fig. 4 Cathode Current vs. Cathode Voltage
Cathode Voltage (V)
-40
-20
0
20
40
60
80
100
120
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
Fig. 5 Reference Voltage vs. Temperature
VZ =VREF
IZ =10mA
Temperature (
°C)
VREF=2.535V
VREF=2.495V
VREF=2.455V
-40
-20
0
20
40
60
80
100
120
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Fig. 6 Reference Input Current vs. Temperature
Temperature (
°C)
R1=10K
Ω
R2=
∞
IZ=10mA
-40
-20
0
20
40
60
80
100
120
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
VZ=VREF
IZ=1mA to100mA
F <1KHz
Fig. 7 Dynamic Impedance vs. Temperature
Temperature (
°C)
0
5
10
15
20
25
30
35
40
-6
-5
-4
-3
-2
-1
0
Fig. 8 Change in Reference Voltage vs. Cathode Voltage
Cathode Voltage (V)
IZ =10mA
TA =25°C
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
Fig. 9 Off-State Cathode Current vs. Temperature
Temperature (
°C)
VREF=0V
VZ=30V
2/10/2005 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com