Electronic Components Datasheet Search
  English  ▼

X  

X20C04DI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X20C04DI
Description  Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04DI Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X20C04DI Datasheet HTML 5Page - Xicor Inc. X20C04DI Datasheet HTML 6Page - Xicor Inc. X20C04DI Datasheet HTML 7Page - Xicor Inc. X20C04DI Datasheet HTML 8Page - Xicor Inc. X20C04DI Datasheet HTML 9Page - Xicor Inc. X20C04DI Datasheet HTML 10Page - Xicor Inc. X20C04DI Datasheet HTML 11Page - Xicor Inc. X20C04DI Datasheet HTML 12Page - Xicor Inc. X20C04DI Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
X20C04
9
OE
WE
CE
DATA I/O
tSTC
tSP
tOEST
tNHZ
tNS
NE
VCC
VCC MIN (5)
tSOE
STORE CYCLE LIMITS
X20C04-15
X20C04-20
X20C04-25
X20C04
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
tSTC
Store Cycle Time
5
5
5
5
ms
tSP
Store Pulse Width
100
120
150
200
ns
tNHZ
Nonvolatile Enable to
80
100
100
100
ns
Output in High Z
tOEST
Output Enable From
10
10
10
10
ns
End of Store
tSOE
OE Disable to Store
20
20
20
20
ns
Function
tNS
NE Setup Time from WE
00
0
0
ns
3825 PGM T09
Store Timing
3825 FHD F15.1
Note:
(5) X20C04 VCC min. = 4.5V
The Store Pulse Width (tSP) is a minimum time that NE, WE and CE must be LOW simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com