Electronic Components Datasheet Search
  English  ▼

X  

X24042PI Datasheet(PDF) 11 Page - Xicor Inc.

Part # X24042PI
Description  Serial E2PROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24042PI Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X24042PI Datasheet HTML 7Page - Xicor Inc. X24042PI Datasheet HTML 8Page - Xicor Inc. X24042PI Datasheet HTML 9Page - Xicor Inc. X24042PI Datasheet HTML 10Page - Xicor Inc. X24042PI Datasheet HTML 11Page - Xicor Inc. X24042PI Datasheet HTML 12Page - Xicor Inc. X24042PI Datasheet HTML 13Page - Xicor Inc. X24042PI Datasheet HTML 14Page - Xicor Inc. X24042PI Datasheet HTML 15Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
X24042
11
SCL
SDA
8th BIT
WORD n
ACK
tWR
STOP
CONDITION
START
CONDITION
X24042
ADDRESS
WRITE CYCLE LIMITS
Symbol
Parameter
Min.
Typ.(5)
Max.
Units
tWR(6)
Write Cycle Time
5
10
ms
3849 PGM T09
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
erase/program cycle. During the write cycle, the X24042
bus interface circuits are disabled, SDA is allowed to
remain high, and the device does not respond to its slave
address.
3849 FHD F05
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage (5V).
(6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the
device requires to perform the internal write operation.
Write Cycle Timing
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
SYMBOL TABLE
3849 FHD F17
120
100
80
40
60
20
20
40
60
80 100 120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
RMAX =
CBUS
tRMAX
RMIN =
IOL MIN
VCC MAX
=1.8K
Ω
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
OUTPUTS
INPUTS
WAVEFORM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com