Electronic Components Datasheet Search
  English  ▼

X  

SS6631A Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6631A
Description  500mA Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6631A Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6631A Datasheet HTML 1Page - Silicon Standard Corp. SS6631A Datasheet HTML 2Page - Silicon Standard Corp. SS6631A Datasheet HTML 3Page - Silicon Standard Corp. SS6631A Datasheet HTML 4Page - Silicon Standard Corp. SS6631A Datasheet HTML 5Page - Silicon Standard Corp. SS6631A Datasheet HTML 6Page - Silicon Standard Corp. SS6631A Datasheet HTML 7Page - Silicon Standard Corp. SS6631A Datasheet HTML 8Page - Silicon Standard Corp. SS6631A Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.SiliconStandard.com
5 of 11
SS6631/6631A

!"
TYPICAL PERFORMANCE CHARACTERISTICS 
&,Ω
-*.# #/) !!" !!"
/#&"













6
6 
°
01!$

2

3

&,Ω
3*.# #/) !!" !!"
/#&"













6
6 
°
01!$
2

4
3



!"
BLOCK DIAGRAM





!
 

"#$%&'(




)







#**+($,!,$

SS6631/6631-3/6631-5


!


 

"#$%&'(



#**+($,!,$
4
-








!

)
./0
./0 
*#"&#"$"#5#"#$.# 62$ 5"SS6631A"#7'#$
$$('%7#≥%*#$'!'%#(.$#"%#$"( !

SS6631A
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com