Electronic Components Datasheet Search
  English  ▼

X  

SS6631A Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6631A
Description  500mA Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6631A Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6631A Datasheet HTML 1Page - Silicon Standard Corp. SS6631A Datasheet HTML 2Page - Silicon Standard Corp. SS6631A Datasheet HTML 3Page - Silicon Standard Corp. SS6631A Datasheet HTML 4Page - Silicon Standard Corp. SS6631A Datasheet HTML 5Page - Silicon Standard Corp. SS6631A Datasheet HTML 6Page - Silicon Standard Corp. SS6631A Datasheet HTML 7Page - Silicon Standard Corp. SS6631A Datasheet HTML 8Page - Silicon Standard Corp. SS6631A Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.SiliconStandard.com
1 of 11
SS6631/6631A


 





!"
FEATURES
#"
  
#"
      
!SS6631A)
#"
( )*+*,!-µ '
#"
" .*
#"
$./0*
#"
*# 12
#"
)#13 4 

!"
APPLICATIONS
#"
(2567#2 
#"
(7 0 
#"
#2 
#"
( 
#"
3 37*
#"
( " 2
!"
DESCRIPTION
 SS6631        4#)
4# +       8  2
  9   +   8 +  &:
&&:   ;   +   8 )
    + 7
+  SS6631A)
    <-     + 
$2..&+
1) 2 + 
  + *   2    )
 22   )
      
  2      2  8 2 
   
$./0   0
" .;µ;µ  )
22 2
!"
TYPICAL APPLICATION CIRCUIT
SS6631A
µ
 



 














µ
µ
Ω









SS6631

µ





 














µ
µ
Ω




≥
≥≥≥ ≤≤≤≤ 

  
Rev.2.01 6/26/2003


Similar Part No. - SS6631A

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
SS6630-3CNTB SSC-SS6630-3CNTB Datasheet
616Kb / 13P
Step-Up DC/DC Controller
SS6630-3CNTR SSC-SS6630-3CNTR Datasheet
616Kb / 13P
Step-Up DC/DC Controller
SS6630-3CSTB SSC-SS6630-3CSTB Datasheet
616Kb / 13P
Step-Up DC/DC Controller
SS6630-3CSTR SSC-SS6630-3CSTR Datasheet
616Kb / 13P
Step-Up DC/DC Controller
More results

Similar Description - SS6631A

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
2-Cell, 500mA, Step-Up DC/DC Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
500mA Step-Down DC-DC Converter
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
2.5MHz 500mA Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com