Electronic Components Datasheet Search
  English  ▼

X  

X24640 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X24640
Description  400KHz 2-Wire Serial E 2 PROM with Block Lock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24640 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X24640 Datasheet HTML 9Page - Xicor Inc. X24640 Datasheet HTML 10Page - Xicor Inc. X24640 Datasheet HTML 11Page - Xicor Inc. X24640 Datasheet HTML 12Page - Xicor Inc. X24640 Datasheet HTML 13Page - Xicor Inc. X24640 Datasheet HTML 14Page - Xicor Inc. X24640 Datasheet HTML 15Page - Xicor Inc. X24640 Datasheet HTML 16Page - Xicor Inc. X24640 Datasheet HTML 17Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
X24640
13
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance 7038 FM 17
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal erase/
program cycle. During the write cycle, the X24640 bus interface circuits are disabled, SDA is allowed to remain
HIGH, and the device does not respond to its slave address.
Bus Timing
tSU:STA
t HD:STA
tHD:DAT
t SU:DAT
tLOW
t SU:STO
t R
t BUF
SCL
SDA IN
SDA OUT
t DH
tAA
tF
tHIGH
7038 FM 14
Write Cycle Limits
7038 FRM T11
Symbol
Parameter
Min.
Typ.(5)
Max.
Units
tWC
(6)
Write Cycle Time
5
10
ms
SCL
SDA
8th BIT
WORD n
ACK
t WC
ST OP
CONDITION
START
CONDITION
7038 FM 15
Guidelines for Calculating Typical Values of
Bus Pull-Up Resistors
120
100
80
40
60
20
20
40
60
80 100 120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
RMAX =
CBUS
t R
RMIN =
IOL MIN
VCC MAX
=1.8K
Ω
7038 FM 16
Bus Timing
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage (5V).
(6) tWR is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com