Electronic Components Datasheet Search
  English  ▼

X  

X24640 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X24640
Description  400KHz 2-Wire Serial E 2 PROM with Block Lock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24640 Datasheet(HTML) 2 Page - Xicor Inc.

  X24640 Datasheet HTML 1Page - Xicor Inc. X24640 Datasheet HTML 2Page - Xicor Inc. X24640 Datasheet HTML 3Page - Xicor Inc. X24640 Datasheet HTML 4Page - Xicor Inc. X24640 Datasheet HTML 5Page - Xicor Inc. X24640 Datasheet HTML 6Page - Xicor Inc. X24640 Datasheet HTML 7Page - Xicor Inc. X24640 Datasheet HTML 8Page - Xicor Inc. X24640 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
X24640
2
Xicor E2PROMs are designed and tested for applica-
tions requiring extended endurance. Inherent data
retention is greater than 100 years.
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It is an open drain output and
may be wire-ORed with any number of open drain or
open collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Pull-
up resistor selection graph at the end of this data
sheet.
Device Select (S0, S1, S2)
The device select inputs (S0, S1, S2) are used to set
the first three bits of the 8-bit slave address. This
allows up to eight devices to share a common bus.
These inputs can be static or actively driven. If used
statically they must be tied to VSS or VCC as appro-
priate. If actively driven, they must be driven with
CMOS levels (driven to VCC or VSS).
Write Protect (WP)
The Write Protect input controls the Hardware Write
Protect feature. When held LOW, Hardware Write
Protection is disabled. When this input is held HIGH,
and the WPEN bit in the Write Protect Register is set
HIGH, the Write Protect Register is protected,
preventing changes to the Block Lock Protection and
WPEN bits.
PIN NAMES
7038 FM T01
PIN CONFIGURATION
Symbol
Description
S0, S1, S2
Device Select Inputs
SDA
Serial Data
SCL
Serial Clock
WP
Write Protect
VSS
Ground
VCC
Supply Voltage
NC
No Connect
VCC
WP
SCL
SDA
S0
S1
S2
VSS
1
2
3
4
8
7
6
5
X24640
8-Lead PDIP/SOIC
7038 FM 02
* .244”
* .197”
Not to scale
NC
S0
S1
NC
NC
NC
S2
VSS
NC
NC
NC
VCC
WP
NC
NC
NC
SCL
SDA
NC
NC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
X24640
0.300"
Max
0.252"
20-Lead TSSOP
* SOIC Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com