Electronic Components Datasheet Search
  English  ▼

X  

X24C01A Datasheet(PDF) 8 Page - Xicor Inc.

Part # X24C01A
Description  Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01A Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X24C01A Datasheet HTML 4Page - Xicor Inc. X24C01A Datasheet HTML 5Page - Xicor Inc. X24C01A Datasheet HTML 6Page - Xicor Inc. X24C01A Datasheet HTML 7Page - Xicor Inc. X24C01A Datasheet HTML 8Page - Xicor Inc. X24C01A Datasheet HTML 9Page - Xicor Inc. X24C01A Datasheet HTML 10Page - Xicor Inc. X24C01A Datasheet HTML 11Page - Xicor Inc. X24C01A Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
X24C01A
8
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ............................... –1.0V to +7V
D.C. Output Current ............................................ 5 mA
Lead Temperature
(Soldering, 10 Seconds) ............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C70°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3841 PGM T02
Supply Voltage
Limits
X24C01A
4.5V to 5.5V
X24C01A-3.5
3.5V to 5.5V
X24C01A-3
3V
± 5.5V
X24C01A-2.7
2.7V to 5.5V
3841 PGM T03
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
lCC1
Power Supply Current
1
mA
SCL = VCC x 0.1/VCC x 0.9 Levels
(read)
@ 100 KHz, SDA = Open, All Other
Inputs = GND or VCC – 0.3V
ICC2
Power Supply Current
2
mA
SCL = VCC x 0.1/VCC x 0.9 Levels
(write)
@ 100 KHz, SDA = Open, All Other
Inputs = GND or VCC – 0.3V
ISB(1)
Standby Current
50
µA
SCL = SDA = VCC – 0.3V, All Other
Inputs = GND or VCC, VCC = 5.5V
ISB(1)
Standby Current
30
µA
SCL = SDA = VCC – 0.3V, All Other
Inputs = GND or VCC, VCC= 3.3V + 10%
ILI
Input Leakage Current
10
µAVIN = GND to VCC
ILO
Output Leakage Current
10
µAVOUT = GND to VCC
VlL(2)
Input Low Voltage
–1.0
VCC x 0.3
V
VIH(2)
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output Low Voltage
0.4
V
IOL = 3 mA
3841 PGM T04
CAPACITANCE TA = 25°C, f = 1.0MHZ, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (A0, A1, A2, SCL, WC)6
pF
VIN = 0V
3841 PGM T06
Notes: (1) Must perform a stop command prior to measurement.
(2) VIL min. and VIH max. are for reference only and are not tested.
(3) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com