Electronic Components Datasheet Search
  English  ▼

X  

X24C01A Datasheet(PDF) 9 Page - Xicor Inc.

Part # X24C01A
Description  Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C01A Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X24C01A Datasheet HTML 5Page - Xicor Inc. X24C01A Datasheet HTML 6Page - Xicor Inc. X24C01A Datasheet HTML 7Page - Xicor Inc. X24C01A Datasheet HTML 8Page - Xicor Inc. X24C01A Datasheet HTML 9Page - Xicor Inc. X24C01A Datasheet HTML 10Page - Xicor Inc. X24C01A Datasheet HTML 11Page - Xicor Inc. X24C01A Datasheet HTML 12Page - Xicor Inc. X24C01A Datasheet HTML 13Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
X24C01A
9
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Levels
VCC x 0.5
3841 PGM T07
Note:
(4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
These parameters are periodically sampled and not 100% tested.
3841 FHD F03
EQUIVALENT A.C. LOAD CIRCUIT
3841 FHD F17
5.0V
1533
Ω
100pF
Output
Read & Write Cycle Limits
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
TI
Noise Suppression Time Constant at SCL, SDA Inputs
100
ns
tAA
SCL Low to SDA Data Out Valid
0.3
3.5
µs
tBUF
Time the Bus Must Be Free Before a New Transmission Can Start
4.7
µs
tHD:STA
Start Condition Hold Time
4.0
µs
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tSU:STA
Start Condition Setup Time
4.7
µs
tHD:DAT
Data In Hold Time
0
µs
tSU:DAT
Data In Setup Time
250
ns
tR
SDA and SCL Rise Time
1
µs
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
4.7
µs
tDH
Data Out Hold Time
300
ns
3841 PGM T08
A.C. CHARACTERISTICS LIMITS (Over recommended operating conditions unless otherwise specified)
Bus Timing
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(4)
Power-Up to Read Operation
1
ms
tPUW(4)
Power-Up to Write Operation
5
ms
3841 PGM T09
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tSU:STO
tR
tBUF
SCL
SDA IN
SDA OUT
tDH
tAA
tF
tHIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com