Electronic Components Datasheet Search
  English  ▼

X  

X24C44DM Datasheet(PDF) 10 Page - Xicor Inc.

Part # X24C44DM
Description  Serial Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C44DM Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X24C44DM Datasheet HTML 6Page - Xicor Inc. X24C44DM Datasheet HTML 7Page - Xicor Inc. X24C44DM Datasheet HTML 8Page - Xicor Inc. X24C44DM Datasheet HTML 9Page - Xicor Inc. X24C44DM Datasheet HTML 10Page - Xicor Inc. X24C44DM Datasheet HTML 11Page - Xicor Inc. X24C44DM Datasheet HTML 12Page - Xicor Inc. X24C44DM Datasheet HTML 13Page - Xicor Inc. X24C44DM Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
X24C44
NONVOLATILE OPERATIONS
Previous
Software
Write Enable
Recall Latch
Operation
STORE
RECALL
Instruction
Latch State
State
Hardware Recall
1
0
NOP(5)
XX
Software Recall
1
1
RCL
X
X
Hardware Store
0
1
NOP(5)
SET
SET
Software Store
1
1
STO
SET
SET
3832 PGM T10
ARRAY RECALL LIMITS
Symbol
Parameter
Min.
Max.
Units
tRCC
Recall Cycle Time
2
µs
tRCP
Recall Pulse Width(6)
500
ns
tRCZ
Recall to Output in High Z
500
ns
3832 PGM T11
Recall Timing
Notes: (5) NOP designates when the X24C44 is not currently executing an instruction.
(6) Recall rise time must be <10
µs.
3832 FHD F05
tRCC
tRCP
tRCZ
HIGH Z
RECALL
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com