Electronic Components Datasheet Search
  English  ▼

X  

X24C44DM Datasheet(PDF) 11 Page - Xicor Inc.

Part # X24C44DM
Description  Serial Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C44DM Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X24C44DM Datasheet HTML 7Page - Xicor Inc. X24C44DM Datasheet HTML 8Page - Xicor Inc. X24C44DM Datasheet HTML 9Page - Xicor Inc. X24C44DM Datasheet HTML 10Page - Xicor Inc. X24C44DM Datasheet HTML 11Page - Xicor Inc. X24C44DM Datasheet HTML 12Page - Xicor Inc. X24C44DM Datasheet HTML 13Page - Xicor Inc. X24C44DM Datasheet HTML 14Page - Xicor Inc. X24C44DM Datasheet HTML 15Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
X24C44
11
STORE CYCLE LIMITS
Symbol
Parameter
Min.
Typ.(7)
Max.
Units
tST
Store Time
2
5
ms
tSTP
Store Pulse Width
200
ns
tZ
CE to Output in High Z
1
µs
VCC
Store Inhibit
3
V
3832 PGM T12
Store Timing
3832 FHD F06
Note:
(7) Typical values are for TA = 25°C and nominal supply voltage.
SYMBOL TABLE
tST
tSTP
tZ
HIGH Z
STORE
DO
CE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com