Electronic Components Datasheet Search
  English  ▼

X  

X25040PI Datasheet(PDF) 3 Page - Xicor Inc.

Part # X25040PI
Description  SPI Serial E2PROM with Block LockTM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25040PI Datasheet(HTML) 3 Page - Xicor Inc.

  X25040PI Datasheet HTML 1Page - Xicor Inc. X25040PI Datasheet HTML 2Page - Xicor Inc. X25040PI Datasheet HTML 3Page - Xicor Inc. X25040PI Datasheet HTML 4Page - Xicor Inc. X25040PI Datasheet HTML 5Page - Xicor Inc. X25040PI Datasheet HTML 6Page - Xicor Inc. X25040PI Datasheet HTML 7Page - Xicor Inc. X25040PI Datasheet HTML 8Page - Xicor Inc. X25040PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
X25040
3
PRINCIPLES OF OPERATION
The X25040 is a 512 x 8 E2PROM designed to interface
directly with the synchronous serial peripheral interface
(SPI) of many popular microcontroller families.
The X25040 contains an 8-bit instruction register. It is
accessed via the SI input, with data being clocked in on
the rising SCK.
CS must be LOW and the HOLD and WP
inputs must be HIGH during the entire operation.
Table 1 contains a list of the instructions and their
opcodes. All instructions, addresses and data are trans-
ferred MSB first.
Data input is sampled on the first rising edge of SCK after
CS goes LOW. SCK is static, allowing the user to stop
the clock and then resume operations. If the clock line is
shared with other peripheral devices on the SPI bus, the
user can assert the
HOLD input to place the X25040 into
a “PAUSE” condition. After releasing
HOLD, the X25040
will resume operation from the point when
HOLD was
first asserted.
Write Enable Latch
The X25040 contains a “write enable” latch. This latch
must be SET before a write operation will be completed
internally. The WREN instruction will set the latch and
the WRDI instruction will reset the latch. This latch is
automatically reset upon a power-up condition and after
the completion of a byte, page, or status register write
cycle.
7
654
3
2
1
0
X
X
X
X
BP1
BP0
WEL
WIP
6451 PGM T02
Status Register
The RDSR instruction provides access to the status
register. The status register may be read at any time,
even during a write cycle. The status register is format-
ted as follows:
BP0 and BP1 are set by the WRSR instruction. WEL
and WIP are read-only and automatically set by other
operations.
The Write-In-Process (WIP) bit indicates whether the
X25040 is busy with a write operation. When set to a “1”,
a write is in progress, when set to a “0”, no write is in
progress. During a write, all other bits are set to “1”.
The Write Enable Latch (WEL) bit indicates the status of
the “write enable” latch. When set to a “1”, the latch is set,
when set to a “0”, the latch is reset.
The Block Protect (BP0 and BP1) bits are nonvolatile
and allow the user to select one of four levels of protec-
tion. The X25040 is divided into four 1024-bit segments.
One, two, or all four of the segments may be protected.
That is, the user may read the segments but will be
unable to alter (write) data within the selected segments.
The partitioning is controlled as illustrated below.
Status Register Bits
Array Addresses
BP1
BP0
Protected
0
0
None
0
1
$180–$1FF
1
0
$100–$1FF
1
1
$000–$1FF
6451 PGM T03
Table 1. Instruction Set
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the Write Enable Latch (Enable Write Operations)
WRDI
0000 0100
Reset the Write Enable Latch (Disable Write Operations)
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 A
8
011
Read Data from Memory Array beginning at selected address
WRITE
0000 A
8
010
Write Data to Memory Array beginning at Selected Address
(1 to 32 Bytes)
6451 PGM T04.2
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com