Electronic Components Datasheet Search
  English  ▼

X  

X25040PI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X25040PI
Description  SPI Serial E2PROM with Block LockTM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25040PI Datasheet(HTML) 5 Page - Xicor Inc.

  X25040PI Datasheet HTML 1Page - Xicor Inc. X25040PI Datasheet HTML 2Page - Xicor Inc. X25040PI Datasheet HTML 3Page - Xicor Inc. X25040PI Datasheet HTML 4Page - Xicor Inc. X25040PI Datasheet HTML 5Page - Xicor Inc. X25040PI Datasheet HTML 6Page - Xicor Inc. X25040PI Datasheet HTML 7Page - Xicor Inc. X25040PI Datasheet HTML 8Page - Xicor Inc. X25040PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
X25040
5
Figure 1. Read E2PROM Array Operation Sequence
Figure 2. Read Status Register Operation Sequence
Operational Notes
The X25040 powers-up in the following state:
• The device is in the low power standby state.
• A HIGH to LOW transition on
CS is required to
enter an active state and receive an instruction.
• SO pin is high impedance.
• The “write enable” latch is reset.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
• The “write enable” latch is reset upon power-up.
• A WREN instruction must be issued to set the “write
enable” latch.
•
CS must come HIGH at the proper clock count in
order to start a write cycle.
0123456789
10 11 12 13 14
76543210
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
6451 ILL F13
0123456789
10 11
12 13 14 15 16 17 18 19 20 21 22
6451 FHD F14
76543210
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
BYTE ADDRESS
7
6543210
8
9TH BIT OF ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com