Electronic Components Datasheet Search
  English  ▼

X  

150 Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # 150
Description  SHIELDED SMT POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

150 Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  150 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
l
l ELECTRICAL SPECIFICATIONS
SPRI0603
SPRI0605
SPRI0703
SPRI0704
Freq. RDC IDC Freq. RDC IDC Freq. RDC IDC Freq. RDC IDC
Parts
No.
Inductance
Hz
Ω
A
Hz
Ω
A
Hz
Ω
A
Hz
m
Ω
A
100
10uH
1 K
0.15
1.1
1 K
0.12 1.35
1 K
72m 1.68
1 K
49m 1.84
120
12uH
1 K
0.2
1
1 K
0.13 1.22
1 K
98m 1.52
1 K
58m 1.71
150
15uH
1 K
0.23
0.9
1 K
0.18 1.11
1 K
0.13 1.33
1 K
81m 1.47
180
18uH
1 K
0.27
0.8
1 K
0.24 1.02
1 K
0.14 1.20
1 K
91m 1.31
220
22uH
1 K
0.34 0.74
1 K
0.27 0.91
1 K
0.19 1.07
1 K
0.11 1.23
270
27uH
1 K
0.38 0.66
1 K
0.30 0.82
1 K
0.21 0.96
1 K
0.15 1.12
330
33uH
1 K
0.45 0.59
1 K
0.33 0.74
1 K
0.24 0.91
1 K
0.17 0.96
390
39uH
1 K
0.49 0.54
1 K
0.37 0.69
1 K
0.32 0.77
1 K
0.23 0.91
470
47uH
1 K
0.69
0.5
1 K
0.52 0.62
1 K
0.36 0.76
1 K
0.26 0.88
560
56uH
1 K
0.78 0.46
1 K
0.56 0.58
1 K
0.47 0.68
1 K
0.35 0.75
680
68uH
1 K
1.07 0.42
1 K
0.63 0.51
1 K
0.52 0.61
1 K
0.38 0.69
820
82uH
1 K
1.21 0.38
1 K
0.71 0.46
1 K
0.69 0.57
1 K
0.43 0.61
101
100uH
1 K
1.39 0.34
1 K
1.03 0.42
1 K
0.79
0.5
1 K
0.61 0.60
121
120uH
1 K
1.9
0.31
1 K
1.15 0.38
1 K
0.89 0.49
1 K
0.66 0.52
151
150uH
1 K
2.18 0.28
1 K
1.68 0.35
1 K
1.27 0.43
1 K
0.88 0.46
181
180uH
1 K
2.77 0.26
1 K
1.87 0.32
1 K
1.45 0.39
1 K
0.98 0.42
221
220uH
1 K
3.12 0.23
1 K
2.08 0.29
1 K
1.65 0.35
1 K
1.17 0.36
271
270uH
1 K
4.38 0.22
1 K
2.37 0.26
1 K
2.31 0.32
1 K
1.64 0.34
331
330uH
1 K
4.94 0.19
1 K
2.67 0.23
1 K
2.62 0.28
1 K
1.86 0.32
391
390uH
1 K
2.94 0.22
1 K
2.94 0.26
1 K
2.85 0.29
471
470uH
1 K
3.93
0.2
1 K
4.18 0.24
1 K
3.01 0.26
561
560uH
1 K
5.43 0.18
1 K
4.67 0.22
1 K
3.62 0.23
681
680uH
1 K
7.32 0.17
1 K
5.73 0.19
1 K
4.63 0.22
821
820uH
1 K
8.24 0.15
1 K
6.54 0.18
1 K
5.2
0.2
102
1000uH
1 K
9.26 0.14
1 K
9.44 0.16
1 K
6
0.18
SPRI SERIES
SHIELDED SMT POWER INDUCTORS
l PART NUMBERING SYSTEM (品名規定)
S P R I
0 6
0 3
-
1 0 0
K
1
2
3
4
SHIELDED SMT
DIMENSIONS
INDUTANCE
TOLERANCE
POWER INDUCTORS
(长*高 DIM)
10*10
0=10
J :
±5% K: ±10% L±15%
M:
±20% P: ±25% N: ±30
闭磁路贴片式功率电感
(DR+RI 型磁芯)
尺寸
電感值
公差
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
48



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com