Electronic Components Datasheet Search
  English  ▼

X  

150 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # 150
Description  SHIELDED SMT POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

150 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  150 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD 150 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
l LAND PATTERN AND TYPE
Crsh type
Figure
C
H
I
J
0603
1-1
3.0 MAX.
1.9
1.4
4.6
0605
1-1
5.0 MAX.
1.9
1.4
4.6
0703
1-2
3.4 MAX.
2.2
1.5
4.8
0704
1-2
4.5 MAX.
2.2
1.5
4.8
1204
1-3
4.5 MAX.
5.4
2.8
7.0
1205
1-3
6.0 MAX.
5.4
2.8
7.0
1207
1-3
8.0 MAX.
5.4
2.8
7.0
H
SPRI SERIES
SHIELDED SMT POWER INDUCTORS
MECHANICALS
CONSTRUCTION
特征
具備高功率、強飽和電流、低阻
抗、小型貼裝型
應用
直流交換器﹐電腦夜晶顯示器
遠程通話設備
l FEATURE
Various high power inductor are Superior
to be high saturation for surface mounting
l APPLICATIONS
DC/DC converter ,power supply,
Telecommunication equipment
1-1
1-2
1-3
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
47
6.2∮
0.3
C
1.5
7.3∮
0.2
C
1.8
100
5.0
C
12∮
0.3


Similar Part No. - 150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
150 LITTELFUSE-150 Datasheet
48Kb / 2P
MINIATURE FUSES - 5x15 mm
logo
List of Unclassifed Man...
150 ETC2-150 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
SUNMATE electronic Co.,...
150 SUNMATE-150 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
logo
TE Connectivity Ltd
150 TEC-150 Datasheet
563Kb / 3P
Limiting continuous current 130A at 85째C
logo
Cornell Dubilier Electr...
150 CDE-150 Datasheet
391Kb / 4P
Available on tape and reel or bulk
More results

Similar Description - 150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM105SB ETC-PM105SB Datasheet
164Kb / 1P
Shielded, SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
SMT POWER INDUCTORS Shielded Toroid
logo
CAMBION Electronic Comp...
555-1608 CAMBION-555-1608 Datasheet
46Kb / 2P
SMT Shielded Power Inductors
logo
Pulse A Technitrol Comp...
SPM2006 PULSE-SPM2006_22 Datasheet
129Kb / 2P
SMT POWER INDUCTORS Shielded Drum Core - P1167 Series
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
logo
List of Unclassifed Man...
PM5022S-101M ETC2-PM5022S-101M Datasheet
129Kb / 1P
Shielded, SMT Power Inductors
PM1608S-103M ETC2-PM1608S-103M Datasheet
115Kb / 1P
Shielded, SMT Power Inductors
logo
Abracon Corporation
ASPI_SERIES ABRACON-ASPI_SERIES Datasheet
378Kb / 2P
MINI SHIELDED SMT POWER INDUCTORS
logo
XFMRS Inc.
XFTPRH104-331K XFMRS-XFTPRH104-331K Datasheet
38Kb / 1P
HIGH CURRENT SHIELDED SMT INDUCTORS
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
SMT POWER INDUCTORS Shielded Drum Core
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com