Electronic Components Datasheet Search
  English  ▼

X  

X25642PI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25642PI
Description  Advanced SPI Serial E 2 PROM with Block Lock TM Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25642PI Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25642PI Datasheet HTML 5Page - Xicor Inc. X25642PI Datasheet HTML 6Page - Xicor Inc. X25642PI Datasheet HTML 7Page - Xicor Inc. X25642PI Datasheet HTML 8Page - Xicor Inc. X25642PI Datasheet HTML 9Page - Xicor Inc. X25642PI Datasheet HTML 10Page - Xicor Inc. X25642PI Datasheet HTML 11Page - Xicor Inc. X25642PI Datasheet HTML 12Page - Xicor Inc. X25642PI Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X25642
9
A.C. OPERATING CHARACTERISTICS
Data Input Timing
7037 FRM T12
Data Output Timing
7037 FRM T13
Notes: (4) This parameter is periodically sampled and not 100% tested.
(5) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle.
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
2
MHz
tCYC
Cycle Time
500
ns
tLEAD
CS Lead Time
250
ns
tLAG
CS Lag Time
250
ns
tWH
Clock HIGH Time
200
ns
tWL
Clock LOW Time
200
ns
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tRI
(4)
Data In Rise Time
2
µs
tFI
(4)
Data In Fall Time
2
µs
tHD
HOLD Setup Time
100
ns
tCD
HOLD Hold Time
100
ns
tCS
CS Deselect Time
2.0
µs
tWC
(5)
Write Cycle Time
10
ms
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
2
MHz
tDIS
Output Disable Time
250
ns
tV
Output Valid from Clock LOW
200
ns
tHO
Output Hold Time
0
ns
tRO
(4)
Output Rise Time
100
ns
tFO
(4)
Output Fall Time
100
ns
tLZ
(4)
HOLD HIGH to Output in Low Z
100
ns
tHZ
(4)
HOLD LOW to Output in High Z
100
ns
A.C. CONDITIONS OF TEST
7037 FRM T11
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and OutputTiming Levels
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
OUTPUT
3132 ILL F09.2
5V
1.44K
Ω
1.95K
Ω
100pF
OUTPUT
3V
1.64K
Ω
4.63K
Ω
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com