Electronic Components Datasheet Search
  English  ▼

X  

X25642PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25642PI
Description  Advanced SPI Serial E 2 PROM with Block Lock TM Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25642PI Datasheet(HTML) 1 Page - Xicor Inc.

  X25642PI Datasheet HTML 1Page - Xicor Inc. X25642PI Datasheet HTML 2Page - Xicor Inc. X25642PI Datasheet HTML 3Page - Xicor Inc. X25642PI Datasheet HTML 4Page - Xicor Inc. X25642PI Datasheet HTML 5Page - Xicor Inc. X25642PI Datasheet HTML 6Page - Xicor Inc. X25642PI Datasheet HTML 7Page - Xicor Inc. X25642PI Datasheet HTML 8Page - Xicor Inc. X25642PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Advanced SPI Serial E2PROM with Block LockTM Protection
64K
8K x 8 Bit
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
1
Characteristics subject to change without notice
3132-1.0 1/17/97 T5/C0/D1 SH
X25642
FEATURES
• 2MHz Clock Rate
• Low Power CMOS
—<1
µA Standby Current
—<5mA Active Current
• 2.7V To 5.5V Power Supply
• SPI Modes (0,0 & 1,1)
• 8K X 8 Bits
—32 Byte Page Mode
• Block Lock Protection
—Protect 1/4, 1/2 or all of E2PROM Array
• Built-in Inadvertent Write Protection
—Power-Up/Down protection circuitry
—Write Enable Latch
—Write Protect Pin
• Self-Timed Write Cycle
—5ms Write Cycle Time (Typical)
• High Reliability
—Endurance: 100,000 cycles
—Data Retention: 100 Years
—ESD protection: 2000V on all pins
• Packages
—8-Lead PDIP
—8-Lead SOIC
—14-Lead SOIC
—20-Lead TSSOP
DESCRIPTION
The X25642 is a CMOS 65,536-bit serial E2PROM,
internally organized as 8K x 8. The X25642 features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple three-wire bus. The bus
signals are a clock input (SCK) plus separate data in
(SI) and data out (SO) lines. Access to the device is
controlled through a chip select (CS) input, allowing
any number of devices to share the same bus.
The X25642 also features two additional inputs that
provide the end user with added flexibility. By
asserting the HOLD input, the X25642 will ignore tran-
sitions on its inputs, thus allowing the host to service
higher priority interrupts. The WP input can be used as
a hardwire input to the X25642 disabling all write
attempts to the status register, thus providing a mech-
anism for limiting end user capability of altering 0, 1/4,
1/2 or all of the memory.
The X25642 utilizes Xicor’s proprietary Direct WriteTM
cell, providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE
CONTROL
AND
TIMING
LOGIC
WRITE
PROTECT
LOGIC
X DECODE
LOGIC
8K BYTE
ARRAY
64 X 256
Y DECODE
DATA REGISTER
SO
SI
SCK
CS
HOLD
WP
64
128
8
32
STATUS
REGISTER
64
128 X 256
64 X 256
3132 ILL F01.1
FUNCTIONAL DIAGRAM
Direct Write
™ and Block Lock™ Protection is a trademark of Xicor, Inc.
APPLICATION NOTE
A V A I L A B L E
AN19 • AN38 • AN41 • AN61


Similar Part No. - X25642PI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25642PI ICMIC-X25642PI Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X25642PI-2.7 ICMIC-X25642PI-2.7 Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X25642PIG ICMIC-X25642PIG Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X25642PIG-2.7 ICMIC-X25642PIG-2.7 Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25642PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24645 XICOR-X24645 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
5MHz SPI Serial E2 PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
5MHz SPI Serial E 2 PROM with Block Lock ??Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com