Electronic Components Datasheet Search
  English  ▼

X  

SS6735G Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6735G
Description  500mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6735G Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6735G Datasheet HTML 1Page - Silicon Standard Corp. SS6735G Datasheet HTML 2Page - Silicon Standard Corp. SS6735G Datasheet HTML 3Page - Silicon Standard Corp. SS6735G Datasheet HTML 4Page - Silicon Standard Corp. SS6735G Datasheet HTML 5Page - Silicon Standard Corp. SS6735G Datasheet HTML 6Page - Silicon Standard Corp. SS6735G Datasheet HTML 7Page - Silicon Standard Corp. SS6735G Datasheet HTML 8Page - Silicon Standard Corp. SS6735G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.SiliconStandard.com
5 of 9
SS6735G
1/15/2005 Rev.2.10
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1 VDROP vs. ILOAD
ILOAD (mA)
0
50
100 150 200 250 300 350 400 450 500
0
100
200
300
400
500
T=25
°C
SS6
735-52
Fig. 2 VDROP vs. ILOAD
0
50
100 150 200 250 300 350 400 450 500
0
100
200
300
400
500
600
SS6
735-33
T=25
°C
ILOAD (mA)
Fig. 3 VDROP vs. Temperature
Temperature (
°C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
320
340
360
380
400
420
440
460
480
SS6
735-52
ILOAD=500mA
Fig. 4 VDROP vs. Temperature
-40
-20
0
20
40
60
80
460
480
500
520
540
560
580
600
620
640
SS6
735-33
Temperature (
°C)
ILOAD=500mA
Fig. 5 Ground Current vs. ILOAD
0
50
100 150 200 250 300 350 400 450 500
43.0
43.5
44.0
44.5
45.0
45.5
46.0
T=25
°C
SS6
735-52
ILOAD (mA)
Fig. 6 Ground Current vs. ILOAD
ILOAD (mA)
0
50
100
150
200 250 300
350
400 450
500
43.0
43.5
44.0
44.5
45.0
45.5
46.0
T=25
°C
SS6
735-33



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com