Electronic Components Datasheet Search
  English  ▼

X  

SS6735G Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6735G
Description  500mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6735G Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6735G Datasheet HTML 1Page - Silicon Standard Corp. SS6735G Datasheet HTML 2Page - Silicon Standard Corp. SS6735G Datasheet HTML 3Page - Silicon Standard Corp. SS6735G Datasheet HTML 4Page - Silicon Standard Corp. SS6735G Datasheet HTML 5Page - Silicon Standard Corp. SS6735G Datasheet HTML 6Page - Silicon Standard Corp. SS6735G Datasheet HTML 7Page - Silicon Standard Corp. SS6735G Datasheet HTML 8Page - Silicon Standard Corp. SS6735G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.SiliconStandard.com
1 of 9
SS6735G
1/15/2005 Rev.2.10
500mA Low Dropout Linear Regulator
FEATURES
Low dropout voltage of 650mV at an output
current of 500mA (3.0V output version).
Guaranteed 500mA output current.
Low ground current of 65
µA.
Output voltage accuracy of 2% at 1.8V/ 2.0V /2.5V
/2.7V/ 3.0V/ 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/5.2V
Only needs 4.7
µF output capacitor for stability.
Current and thermal limiting.
APPLICATIONS
CD-ROM Drivers.
LAN Cards.
Microprocessors.
DRAM Modules.
Wireless Communication Systems.
Battery Powered Systems.
DESCRIPTION
The SS6735G is a 3-pin low-dropout linear
regulator with superior characteristics, which
include zero base current loss, very low drop-
out voltage, and output voltage accuracy of 2%.
Typical ground current remains approximately
65
µA, for loads ranging from zero to maximum.
Dropout voltage at an output current of 100mA
is exceptionally low. Built-in output current
limiting and thermal limiting provide maximum
protection against fault conditions.
The SS6735G is available in RoHS-compliant
SOT-23-3, SOT-223, SOT-89, and TO-252
TYPICAL APPLICATION CIRCUIT
+
+
SS6735G
4.7
µF
COUT
VOUT
VOUT
GND
VIN
1
µF
CIN
VIN
Low Dropout Linear Regulator
(CIN and COUT should be electrolytic capacitors)
Pb-free, RoHS compliant.
packages.


Similar Part No. - SS6735G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
More results

Similar Description - SS6735G

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com