Electronic Components Datasheet Search
  English  ▼

X  

SS6781A Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6781A
Description  Battery Charger Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781A Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6781A Datasheet HTML 1Page - Silicon Standard Corp. SS6781A Datasheet HTML 2Page - Silicon Standard Corp. SS6781A Datasheet HTML 3Page - Silicon Standard Corp. SS6781A Datasheet HTML 4Page - Silicon Standard Corp. SS6781A Datasheet HTML 5Page - Silicon Standard Corp. SS6781A Datasheet HTML 6Page - Silicon Standard Corp. SS6781A Datasheet HTML 7Page - Silicon Standard Corp. SS6781A Datasheet HTML 8Page - Silicon Standard Corp. SS6781A Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.SiliconStandard.com
5 of 18
SS6781A(G)
1/11/2005 Rev.2.10
TYPICAL PERFORMANCE CHARACTERISTICS
(TA=25°C, R2=100k
Ω , VCC=5V, refer to test circuit)
4.4
4.6
4.8
5.0
5.2
5.4
0.84
0.90
0.96
1.02
1.08
VCC (V)
Fig. 2 Supply Current vs. Supply Voltage
VCC (V)
Fig. 3 Safety Timer vs. Supply Voltage
4.4
4.6
4.8
5.0
5.2
5.4
5.6
78.0
78.5
79.0
79.5
80.0
80.5
81.0
81.5
VCC (V)
Fig. 4 LED Flashing Frequency vs.
Supply Voltage
4.4
4.6
4.8
5.0
5.2
5.4
5.6
3.6
3.8
4.0
4.2
4.4
Temperature (
°C)
Fig.5 Supply Current vs. Temperature
0
20
40
60
80
0.80
0.85
0.90
0.95
1.00
1.05
Temperature (
°C)
Fig. 6 Safety Timer vs. Temperature
0
20
40
60
80
75
76
77
78
79
80
81
82
Temperature (
°C)
Fig. 7 LED Flashing Frequency vs. Temperature
-20
0
20
40
60
80
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com