Electronic Components Datasheet Search
  English  ▼

X  

SS6781A Datasheet(PDF) 15 Page - Silicon Standard Corp.

Part # SS6781A
Description  Battery Charger Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781A Datasheet(HTML) 15 Page - Silicon Standard Corp.

Back Button SS6781A Datasheet HTML 10Page - Silicon Standard Corp. SS6781A Datasheet HTML 11Page - Silicon Standard Corp. SS6781A Datasheet HTML 12Page - Silicon Standard Corp. SS6781A Datasheet HTML 13Page - Silicon Standard Corp. SS6781A Datasheet HTML 14Page - Silicon Standard Corp. SS6781A Datasheet HTML 15Page - Silicon Standard Corp. SS6781A Datasheet HTML 16Page - Silicon Standard Corp. SS6781A Datasheet HTML 17Page - Silicon Standard Corp. SS6781A Datasheet HTML 18Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
www.SiliconStandard.com
15 of 18
SS6781A(G)
1/11/2005 Rev.2.10
(b) VCC - 1.4V> SEL3 >
V
2
cc
+ 0.4V
Acceptable VBT Range:
Before initial timer: 0.16V~2.7V
After initial timer: 0.69V~2.7V
Temperature Protection Mode:
If temperature is too high, battery charging is
regarded as completed. If temperature is too
low, function of
∆T/∆t detection is disabled, just
as thermistor is not existing.
(c)
V
2
cc
- 0.4V>SEL3 >1.4V
Acceptable VBT Range:
Before initial timer: 0.16V~2V
After initial timer: 1.2V~2V
Temperature Protection Mode:
Entering
charge-suspending
mode
when
temperature is either too low or too high, same
as
abnormal
battery
voltage.
Latch
for
charge-suspending function is provided for high
temperature
protection,
but
not
for
low
temperature protection.
(d) 0.3V> SEL3
Acceptable VBT Range:
Before initial timer: 0.16V~2V
After initial timer: 1.2V~2V
Temperature Protection Mode:
If temperature is too high, battery charging is
regarded as completed. If temperature is too
low, function of
∆T/∆t detection is disabled, just
as thermistor is not existing.
Setting the Period of Safety Timer
The SS6781A provides a method for linearly
adjusting the period of safety timer with an external
resistor connected from TMR pin to GND. The
relation between safety timer length and the
external resistor (RTMR) is shown in Fig. 19. The
table following shows the resistor values for some
of the commonly chosen safety timer periods. Also
shown
in
the
table
are
their
corresponding
oscillator frequencies.
0
100
200
300
400
500
0
200
400
600
800
Safety Timer (min.)
Fig. 19
Safety Timer vs. RTMR
TABLE 8
RTMR (kΩ)
OSC.
Freq.(KHz)
Safety timer
(min.)
11
256
10
23
131
20
48
65.8
40
74
43.1
60
100
32.8
80
152
21.6
120
206
16.0
160
314
10.6
250
491
6.89
380
667
5.04
520
Selecting Mode of Operation
The SS6781A provides three modes of operation:
normal, test, and AC mode determined by the
setting of MODE pin according to TABLE 9. The
SS6781A will operate normally when the MODE
pin
is
left
floating
(a
0.1
µF capacitor is
recommended to be tied to MODE pin if the charge
circuit works in a noisy environment). When the
MODE pin is biased to GND, the function of -
∆V
detection is disabled. When the MODE pin is
biased to VCC, the SS6781A enters the test mode.
The test mode can be used to significantly reduce
production test time. For relevant information,
please contact SSC directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com