Electronic Components Datasheet Search
  English  ▼

X  

SS8014GTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8014GTR
Description  150mA Low-Noise LDO Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014GTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8014GTR Datasheet HTML 1Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 2Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 3Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 4Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 5Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.SiliconStandard.com
2 of 6
ABSOLUTE MAXIMUM RATINGS
VIN to GND.............................................................. -0.3V to +7V
Output Short-Circuit Duration………………….….Infinite
SET to GND.……………………………..…..-0.3V to +7V
SHDN
to GND…………………..………….-0.3V to +7V
SHDN
to IN….…………………..…………..-7V to +0.3V
OUT to GND…………………………-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +25°C)
SOT23-5…………….………………………...…..568 mW
Operating Temperature Range………....-40°C to +85°C
Junction Temperature……………………….……+150°C
θ
JA….…..……………….…….……….…..…..220°C/Watt
Storage Temperature Range…………..-65°C to +160°C
Lead Temperature (soldering, 10sec)..………….+300°C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = VOUT +1V;
SHDN
V
= VIN; CIN = COUT = 1µF = TA = TJ = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNITS
Input Voltage (Note 2)
VIN
Note2
5.5
V
Output Voltage Accuracy
VOUT
Variation from specified VOUT, IOUT=1mA
-3
3
%
Adjustable Output Voltage Range (Note 3)
VOUT
2.5
5.5
V
Maximum Output Current
150
mA
Current Limit
ILIM
VOUT = 0V
250
370
mA
Quiescent Current
IQ
ILOAD = 0mA
52
80
µA
IOUT = 1mA
2
IOUT = 50mA
100
Dropout Voltage (Note 3)
VDROP
IOUT =150mA
340
410
mV
Line Regulation
∆V
LNR
VIN=VO +0.1V to 5.5V, IOUT = 1mA
0.1
0.4
%/V
Load Regulation
∆V
LDR
IOUT = 0mA to 150mA
8
30
mV
Output Voltage Temperature Coefficient
∆V
O / ∆T
IOUT = 40mA, TJ = 25°C to 125°C
40
ppm/°C
CADJ = 470pF
192
Output Voltage Noise (10HZ to 100KHZ)
en
IL = 150mA
CADJ = 10nF
170
µVRMS
SHUTDOWN
VIH
Regulator enabled
2
SHDN
Input Threshold
VIL
Regulator shutdown
0.4
V
SHDN
Input Bias Current
ISHDN
V SHDN = VIN
TA = +25°C
0.007
0.1
µA
Shutdown Supply Current
IQSHDN
VOUT = 0V
TA = +25°C
0.06
1
µA
ADJ INPUT
ADJ Input Leakage Current
IADJ
VADJ = 1.3V
TA = +25°C
5
30
nA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
150
°C
Thermal Shutdown Hysteresis
∆T
SHDN
15
°C
Note 1: Limits are 100% production tested at TA= +25°C. Low duty pulse techniques are used during tests
to maintain junction temperatures as close to ambient as possible.
Note 2: VIN (min) = VOUT +VDROP.
Note 3: The dropout voltage is defined as (VIN-VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT
+2V.
1/12/2005 Rev.2.11
SS8014G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com