Electronic Components Datasheet Search
  English  ▼

X  

SS8014GTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8014GTR
Description  150mA Low-Noise LDO Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014GTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8014GTR Datasheet HTML 1Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 2Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 3Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 4Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 5Page - Silicon Standard Corp. SS8014GTR Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
1/12/2005 Rev.2.11
SS8014G
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
IN
Regulator Input. Supply voltage can range from +2.5V to +5.5V. Bypass with 1µF to GND
2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground plane to maxi-
mize thermal dissipation.
3
SHDN
Active-Low Shutdown Input. A logic low reduces the supply current to less than 1
µA. Connect to IN for
normal operation.
4
ADJ
Adjust (Input): Adjustable regulator feedback input. It can connect to an external resistor divider for adjust-
able output voltage. A ceramic capacitor of at least 470pF must be connected from ADJ pin to GND
to reduce output noise.
5
OUT
Regulator Output. Fixed or adjustable from +2.5V to +5.5V. Sources up to 150mA. Bypass with a
capacitor of 1µF, < 0.2
Ω typical ESR to GND.
APPLICATIONS INFORMATION
The block diagram of the SS8014 is shown in Figure 1.
It consists of an error amplifier,1.25V bandgap reference,
PMOS output transistor, shutdown logic, over-current
protection circuit, and over-temperature protection cir-
cuit.
The SS8014 can be adjusted to a specific output voltage
by using two external resistors (Figure 2). The resis-
tors set the output voltage based on the following
equation:
R2
VOUT =1.250V X
R1
+ 1
Note that the bandgap voltage is relative to the output,
as seen in the block diagram. Because traditional
regulators normally have the reference voltage relative
to ground, they have a different VOUT equation. Resistor
values are not critical because ADJ (adjust) has a high
input impedance, but for best results use resistors of
470k
Ω or less. A capacitor from ADJ to ground pro-
vides greatly improved noise performance.
Figure 1. Functional Diagram
SHDN
IN
OUT
SHUTDOWN
LOGIC
1.25V
ref
ERROR
AMP.
+
GND
OVER TEMP. &
OVER CURRENT
PROTECTION
ADJ
SHDN
IN
OUT
SHUTDOWN
LOGIC
1.25V
ref
ERROR
AMP.
+
GND
OVER TEMP. &
OVER CURRENT
PROTECTION
ADJ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com