Electronic Components Datasheet Search
  English  ▼

X  

SS8014 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8014
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8014 Datasheet HTML 1Page - Silicon Standard Corp. SS8014 Datasheet HTML 2Page - Silicon Standard Corp. SS8014 Datasheet HTML 3Page - Silicon Standard Corp. SS8014 Datasheet HTML 4Page - Silicon Standard Corp. SS8014 Datasheet HTML 5Page - Silicon Standard Corp. SS8014 Datasheet HTML 6Page - Silicon Standard Corp. SS8014 Datasheet HTML 7Page - Silicon Standard Corp. SS8014 Datasheet HTML 8Page - Silicon Standard Corp. SS8014 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.SiliconStandard.com
4 of 10
1/12/2005 Rev.2.10
SS8014-xxG
Typical Performance Characteristics (continued)
-1.00
-0.60
-0.20
0.20
0.60
1.00
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 10
0
11
0
12
0
13
0
Junction Temperature TJ (°C)
SS8014-33
VIN = 4.3V
3.24
3.26
3.28
3.30
3.32
3.34
3.36
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 10
0
11
0
12
0
13
0
Junction Temperature T J (°C)
VIN=4.3V
VIN=3.4V
0
50
100
150
200
250
300
350
400
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 10
0
11
0
12
0
13
0
Junction Temperature T J (°C)
SS8014-33
ILOAD=150mA
ILOAD =50mA
SS8014-33
ILOAD =1mA
ILOAD =0mA
0
20
40
60
80
100
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 10
0
11
0
12
0
13
0
Junction Temperature TJ (°C)
SS8014-33
VIN = 4.3V
IOUT =0A
-0.20
-0.10
0.00
0.10
0.20
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 10
0
11
0
12
0
13
0
Junction Temperature TJ
(°C)
SS8014-33
VIN=4.3V
VSHDN =VIN
VIN=5.5V
Ground Current vs. Temperature
SHDN Input Bias Current vs. Temperature
Shutdown Supply Current vs. Temperature
Output Voltage vs. Temperature
Dropout Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com