Electronic Components Datasheet Search
  English  ▼

X  

SS8014 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS8014
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014 Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS8014 Datasheet HTML 2Page - Silicon Standard Corp. SS8014 Datasheet HTML 3Page - Silicon Standard Corp. SS8014 Datasheet HTML 4Page - Silicon Standard Corp. SS8014 Datasheet HTML 5Page - Silicon Standard Corp. SS8014 Datasheet HTML 6Page - Silicon Standard Corp. SS8014 Datasheet HTML 7Page - Silicon Standard Corp. SS8014 Datasheet HTML 8Page - Silicon Standard Corp. SS8014 Datasheet HTML 9Page - Silicon Standard Corp. SS8014 Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.SiliconStandard.com
7 of 10
SS8014-xxG
Pin Description
PIN
NAME
FUNCTION
1
IN
Regulator Input. Supply voltage can range from +2.5V to +5.5V. Bypass with 1µF to GND.
2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground plane
to maximize thermal dissipation.
3
SHDN
Active-High Enable Input. A logic low reduces the supply current to less than 1µA. Connect to IN for
normal operation.
4
BYP
This is a reference bypass pin. It should connect external 10nF capacitor to GND to reduce output
noise. Bypass capacitor must be no less than 1nF. (CBYP
≥ 1nF)
5
OUT
Regulator Output. Sources up to 150mA. Bypass with a 1µF, < 0.2
Ω typical ESR capacitor to GND.
Detailed Description
The block diagram of the SS8014-xx is shown in Figure 1.
It consists of an error amplifier, 1.25V bandgap reference,
PMOS output transistor, internal feedback voltage divider,
shutdown logic, over current protection circuit, and over
temperature protection circuit.
The internal feedback voltage divider’s central tap is
connected to the non-inverting input of the error amplifier.
The error amplifier compares non-inverting input with the
1.25V bandgap reference. If the feedback voltage is
higher than 1.25V, the error amplifier’s output becomes
higher so that the PMOS output transistor has a smaller
gate-to-source voltage (VGS). This reduces the current
carrying capability of the PMOS output transistor, as a
result the output voltage decreases until the feedback
voltage is equal to 1.25V. Similarly, when the feedback
voltage is less than 1.25V, the error amplifier causes the
output PMOS to conduct more current to pull the feed-
back voltage up to 1.25V. Thus, through this feedback
action, the error amplifier, output PMOS, and the volt-
age-divider effectively form a unity-gain amplifier with the
feedback voltage forced to be the same as the 1.25V
bandgap reference. The output voltage, VOUT, is then
given by the following equation:
VOUT = 1.25 (1 + R1/R2).
(1)
Alternatively, the relationship between R1 and R2 is given
by:
R1 = R2 (VOUT / 1.25 + 1).
(2)
Figure 1. Functional Diagram
SHDN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
¡Ð
ERROR
AMP
¡Ï
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT
BYP
C
BYP
SHDN
IN
OUT
SHUTDOWN
LOGIC
1.25V
Vref
¡Ð
ERROR
AMP
¡Ï
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT
BYP
C
BYP
1/12/2005 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com