Electronic Components Datasheet Search
  English  ▼

X  

SS8061G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8061G
Description  1A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8061G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8061G Datasheet HTML 1Page - Silicon Standard Corp. SS8061G Datasheet HTML 2Page - Silicon Standard Corp. SS8061G Datasheet HTML 3Page - Silicon Standard Corp. SS8061G Datasheet HTML 4Page - Silicon Standard Corp. SS8061G Datasheet HTML 5Page - Silicon Standard Corp. SS8061G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.SiliconStandard.com
3 of 6
SS8061G
1/21/2005 Rev.2.01
TYPICAL PERFORMANCE CHARACTERISTICS
VEN=VIN, VIN =5V, IO = 0.5A, CIN = 4.7µF, COUT =10µF, TA = TJ = 25°C
(VOUT=1.8V)
0
10
20
30
40
50
60
10
100
1000
10000
100000
1000000
Frequency (Hz)
IL=10mA
VIN=4V
COUT=10µF
Vripple=224mV
IL=500mA
IL=1A
Line Transient Response
Short Circuit Current
Ripple Rejection
Load Transient Response
Overcurrent Protection Characteristics
Start-up



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com