Electronic Components Datasheet Search
  English  ▼

X  

SS8061G Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8061G
Description  1A Low Dropout Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8061G Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8061G Datasheet HTML 1Page - Silicon Standard Corp. SS8061G Datasheet HTML 2Page - Silicon Standard Corp. SS8061G Datasheet HTML 3Page - Silicon Standard Corp. SS8061G Datasheet HTML 4Page - Silicon Standard Corp. SS8061G Datasheet HTML 5Page - Silicon Standard Corp. SS8061G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.SiliconStandard.com
4 of 6
SS8061G
1/21/2005 Rev.2.01
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-25 -15 -5
5 15 25 35 45 55 65 75 85
Temperature (°C)
0
100
200
300
400
500
600
700
0
200
400
600
800
1000
IL (mA)
VIN=3.0V
VIN=5.0V
1.8
1.805
1.81
1.815
1.82
1.825
2.5
3.5
4.5
5.5
6.5
VIN (V)
1.784
1.789
1.794
1.799
1.804
1.809
1.814
1.819
1.824
-25 -15 -5
5 15 25 35 45 55 65 75 85
Temperature (°C)
VIN=3.0V
VIN=5.0V
IL=10mA
Max. Power Dissipation vs. TAMB
Quiescent Current vs. Temperature
Dropout Voltage vs. IL
Output Voltage vs. Temperature
Output Voltage vs. VIN
T=25°C
T=85°C
T=-25°C
T=25°C
T=85°C
T=-25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
123
4
5
PCB Top Copper Area (in
2)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
25
35
45
55
65
75
85
TAMB (°C)
A=0.1
A=0.2
A=0.3
A=0.4
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Max. Power Dissipation vs.
PCB Top Copper Area
Unit:in
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com