Electronic Components Datasheet Search
  English  ▼

X  

X84041PI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X84041PI
Description  Micro Port Saver E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84041PI Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X84041PI Datasheet HTML 4Page - Xicor Inc. X84041PI Datasheet HTML 5Page - Xicor Inc. X84041PI Datasheet HTML 6Page - Xicor Inc. X84041PI Datasheet HTML 7Page - Xicor Inc. X84041PI Datasheet HTML 8Page - Xicor Inc. X84041PI Datasheet HTML 9Page - Xicor Inc. X84041PI Datasheet HTML 10Page - Xicor Inc. X84041PI Datasheet HTML 11Page - Xicor Inc. X84041PI Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
X84041
8
Read Cycle
CE
WE
tWES
OE
2704 ILL F06
tHIGH
tCE
tOE
tOLZ
tOH
tWEH
HIGH Z
DATA
tOHZ
tHZ
tLZ
tLOW
tRC
I/O
Write Cycle Limits – X84041
VCC = 5V ±10%
VCC = 3V ±10%
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tNVWC(5)
Nonvolatile Write Cycle Time
10
10
ms
tWC
Write Cycle Time
300
300
ns
tWP
WE Pulse Width
30
30
ns
tWPH
WE HIGH Recovery Time
200
200
ns
tCS
Write Setup Time
0
0
ns
tCH
Write Hold Time
0
0
ns
tCP
CE Pulse Width
30
30
ns
tCPH
CE HIGH Recovery Time
200
200
ns
tOES
OE HIGH Setup Time
50
50
ns
tOEH
OE HIGH Hold Time
50
50
ns
tDS(6)
Data Setup Time
30
30
ns
tDH(6)
Data Hold Time
5
5
ns
tWPCS(7)
WP HIGH Before CE
500
500
ns
tWPCH(7)
WP HIGH After CE
500
500
ns
tWPWS(7)
WP HIGH Before WE
500
500
ns
tWPWH(7)
WP HIGH After WE
500
500
ns
2704 PGM T10.3
Notes: (5) tNVWC is the time from the falling edge of OE or CE (whichever occurs last) of the second read cycle in the
“start nonvolatile write cycle” sequence until the self-timed, internal nonvolatile write cycle is completed.
(6) Data is latched into the X84041 on the rising edge of
CE or WE, whichever occurs first.
(7) Periodically sampled, but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com